Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS35 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # NS35
Description  Solid-state relay module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

NS35 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button NS35 Datasheet HTML 2Page - PHOENIX CONTACT NS35 Datasheet HTML 3Page - PHOENIX CONTACT NS35 Datasheet HTML 4Page - PHOENIX CONTACT NS35 Datasheet HTML 5Page - PHOENIX CONTACT NS35 Datasheet HTML 6Page - PHOENIX CONTACT NS35 Datasheet HTML 7Page - PHOENIX CONTACT NS35 Datasheet HTML 8Page - PHOENIX CONTACT NS35 Datasheet HTML 9Page - PHOENIX CONTACT NS35 Datasheet HTML 10Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
https://www.phoenixcontact.com/kr/products/2900397
05/25/2018   Page 6 / 10
Solid-state relay module - PLC-PT-EIK 1-SVN 24P/P - 2900397
Approvals
cULus Listed 
 
 
Accessories
Accessories
Bridge
Continuous plug-in bridge - FBST 500-PLC RD - 2966786
Continuous plug-in bridge, length: 500 mm, color: red
 
 
Continuous plug-in bridge - FBST 500-PLC BU - 2966692
Continuous plug-in bridge, length: 500 mm, color: blue
 
 
Continuous plug-in bridge - FBST 500-PLC GY - 2966838
Continuous plug-in bridge, length: 500 mm, color: gray
 
 
Single plug-in bridge - FBST 6-PLC RD - 2966236
Single plug-in bridge, length: 6 mm, number of positions: 2, color: red
 
 
Single plug-in bridge - FBST 6-PLC BU - 2966812
Single plug-in bridge, length: 6 mm, number of positions: 2, color: blue
 
 


Similar Part No. - NS35

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
NS35 PHOENIX-NS35 Datasheet
164Kb / 12P
   Solid-state relay module
NS35 PHOENIX-NS35 Datasheet
131Kb / 9P
   Solid-state relay module
NS35 PHOENIX-NS35 Datasheet
152Kb / 11P
   Solid-state relay module
NS35 PHOENIX-NS35 Datasheet
123Kb / 9P
   Solid-state relay module
NS35 PHOENIX-NS35 Datasheet
152Kb / 11P
   Solid-state relay module
More results

Similar Description - NS35

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-OSC-120UC PHOENIX-PLC-OSC-120UC Datasheet
158Kb / 12P
   Solid-state relay module
PLC-OPT-120UC PHOENIX-PLC-OPT-120UC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-48DC PHOENIX-PLC-OPT-48DC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-5DC PHOENIX-PLC-OPT-5DC Datasheet
123Kb / 9P
   Solid-state relay module
PLC-OSC-60DC PHOENIX-PLC-OSC-60DC Datasheet
152Kb / 11P
   Solid-state relay module
PLC-OPT-96DC PHOENIX-PLC-OPT-96DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OSP-120UC PHOENIX-PLC-OSP-120UC Datasheet
157Kb / 11P
   Solid-state relay module
PLC-OSP-24DC PHOENIX-PLC-OSP-24DC Datasheet
163Kb / 11P
   Solid-state relay module
PLC-OSC-24DC PHOENIX-PLC-OSC-24DC Datasheet
164Kb / 12P
   Solid-state relay module
PLC-OPT-72DC PHOENIX-PLC-OPT-72DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OPT-36DC PHOENIX-PLC-OPT-36DC Datasheet
131Kb / 9P
   Solid-state relay module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com