Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBST500-PLCRD Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # FBST500-PLCRD
Description  Solid-state relay module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

FBST500-PLCRD Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button FBST500-PLCRD Datasheet HTML 4Page - PHOENIX CONTACT FBST500-PLCRD Datasheet HTML 5Page - PHOENIX CONTACT FBST500-PLCRD Datasheet HTML 6Page - PHOENIX CONTACT FBST500-PLCRD Datasheet HTML 7Page - PHOENIX CONTACT FBST500-PLCRD Datasheet HTML 8Page - PHOENIX CONTACT FBST500-PLCRD Datasheet HTML 9Page - PHOENIX CONTACT FBST500-PLCRD Datasheet HTML 10Page - PHOENIX CONTACT FBST500-PLCRD Datasheet HTML 11Page - PHOENIX CONTACT FBST500-PLCRD Datasheet HTML 12Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
https://www.phoenixcontact.com/kr/products/2966809
05/25/2018   Page 8 / 12
Solid-state relay module - PLC-OSC-230UC/ 48DC/100/SEN - 2966809
Accessories
System connection - PLC-V8/D15B/IN - 2296087
V8 adapter for 8 x PLC-INTERFACE (6.2 mm); Controller: PLC system cabling of input cards; connection 1: Plug
connection; connection 2: 1x D-SUB socket strip (15-position); number of channels: 8; control logic: positive switching
 
 
DIN rail
DIN rail, unperforated - NS 35/ 7,5 V2A UNPERF 2000MM - 0801377
DIN rail, unperforated, Standard profile, width: 35 mm, height: 7.5 mm, in acc. with EN 60715: 2001,
material: Stainless steel V2A, uncoated, length: 2000 mm, color: silver
 
 
DIN rail perforated - NS 35/ 7,5 PERF 2000MM - 0801733
DIN rail perforated, Standard profile, width: 35 mm, height: 7.5 mm, in acc. with EN 60715: 2001, material: Steel,
galvanized, passivated with a thick layer, length: 2000 mm, color: silver
 
 
DIN rail, unperforated - NS 35/ 7,5 CU UNPERF 2000MM - 0801762
DIN rail, unperforated, Standard profile, width: 35 mm, height: 7.5 mm, in acc. with EN 60715: 2001,
material: Copper, uncoated, length: 2000 mm, color: copper-colored
 
 
DIN rail, unperforated - NS 35/15 UNPERF 2000MM - 1201714
DIN rail, unperforated, Standard profile, width: 35 mm, height: 15 mm, similar to EN 60715: 2001, material: Steel,
galvanized, passivated with a thick layer, length: 2000 mm, color: silver
 
 
DIN rail, unperforated - NS 35/15 CU UNPERF 2000MM - 1201895
DIN rail, unperforated, Standard profile, width: 35 mm, height: 15 mm, similar to EN 60715: 2001, material: Copper,
uncoated, length: 2000 mm, color: copper-colored
 
 


Similar Part No. - FBST500-PLCRD

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
FBST500-PLCRD PHOENIX-FBST500-PLCRD Datasheet
157Kb / 11P
   Solid-state relay module
FBST500-PLCRD PHOENIX-FBST500-PLCRD Datasheet
150Kb / 10P
   Solid-state relay module
FBST500-PLCRD PHOENIX-FBST500-PLCRD Datasheet
148Kb / 11P
   Solid-state relay module
FBST500-PLCRD PHOENIX-FBST500-PLCRD Datasheet
590Kb / 14P
   Universal PLC Interface with PDT Relay
FBST500-PLCRD PHOENIX-FBST500-PLCRD Datasheet
164Kb / 12P
   Solid-state relay module
More results

Similar Description - FBST500-PLCRD

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-OSC-120UC PHOENIX-PLC-OSC-120UC Datasheet
158Kb / 12P
   Solid-state relay module
PLC-OPT-120UC PHOENIX-PLC-OPT-120UC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-48DC PHOENIX-PLC-OPT-48DC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-5DC PHOENIX-PLC-OPT-5DC Datasheet
123Kb / 9P
   Solid-state relay module
PLC-OSC-60DC PHOENIX-PLC-OSC-60DC Datasheet
152Kb / 11P
   Solid-state relay module
PLC-OPT-96DC PHOENIX-PLC-OPT-96DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OSP-120UC PHOENIX-PLC-OSP-120UC Datasheet
157Kb / 11P
   Solid-state relay module
PLC-OSP-24DC PHOENIX-PLC-OSP-24DC Datasheet
163Kb / 11P
   Solid-state relay module
PLC-OSC-24DC PHOENIX-PLC-OSC-24DC Datasheet
164Kb / 12P
   Solid-state relay module
PLC-OPT-72DC PHOENIX-PLC-OPT-72DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OPT-36DC PHOENIX-PLC-OPT-36DC Datasheet
131Kb / 9P
   Solid-state relay module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com