Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50073 Datasheet(PDF) 52 Page - Zarlink Semiconductor Inc

Part # ZL50073
Description  32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50073 Datasheet(HTML) 52 Page - Zarlink Semiconductor Inc

Back Button ZL50073 Datasheet HTML 48Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 49Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 50Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 51Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 52Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 53Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 54Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 55Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 56Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
ZL50073
Data Sheet
52
Zarlink Semiconductor Inc.
15.0
DC/AC Electrical Characteristics
Note 1: Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
Note 2: Typical figures are at 25
°C, VDD_CORE at 1.8 V and VDD_IO at 3.3 V and are for design aid only: not guaranteed and not
subject to production testing.
Note 1: Typical figures are at 25
°C, VDD_CORE at 1.8 V and VDD_IO at 3.3 V and are for design aid only: not guaranteed and not
subject to production testing.
Absolute Maximum Ratings1 - Voltages are with respect to ground (VSS) unless otherwise stated.
Characteristics
Sym.
Min.
Typ.2
Max.
Unit
1
Chip I/O Supply Voltage
VDD_IO
-0.5
5.0
V
2
Chip Core Supply Voltage
VDD_CORE
-0.5
5.0
V
3
Input Voltage (non-5 V tolerant inputs)
VI_3V
-0.5
VDD_IO +
0.5
V
4
Input Voltage (5 V tolerant inputs)
VI_5V
-0.5
7.0
V
5
Continuous Current at digital outputs
Io
15
mA
6
Package power dissipation
PD
2.1
W
7
Storage temperature
TS
- 55
+125
°C
Recommended Operating Conditions - Voltages are with respect to ground (VSS) unless otherwise stated.
Characteristics
Sym.
Min.
Typ.1
Max.
Unit
1
Operating Temperature
TOP
-40
25
+85
°C
2
Positive Supply Core
VDD_CORE
1.71
1.8
1.89
V
3
Positive Supply I/O
VDD_IO
3.0
3.3
3.6
V
4
Input Voltage (non-5 V tolerant inputs)
VI_3V
0VDD_IO
V
5
Input Voltage (5 V tolerant inputs)
VI_5V
05.5
DC Electrical Characteristics - Voltages are with respect to ground (VSS) unless otherwise stated.
Characteristics
Sym.
Min.
Typ.1
Max.
Unit
Test Conditions
1
Core Supply Current2
IDD_CORE
500
mA
2
I/O Supply Current
IDD_IO
62
mA
Outputs Unloaded
3
Leakage Current
IDDQ
105
µA
4
Dynamic Power Dissipation
PDD
1.2
W
Outputs Unloaded
5
Input High Voltage
VIH
2.0
V
6
Input Low Voltage
VIL
0.8
V
7
Input Leakage-input pins3
IIL
5
µA0≤<VI ≤VDD_IO
8
Input Leakage-bidirectional pins
IBL
5
µA0≤<VI ≤VDD_IO
9
Pull-up Current
IPU
-33
µA
Input at 0 V


Similar Part No. - ZL50073

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50073GAC ZARLINK-ZL50073GAC Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50073GAG2 ZARLINK-ZL50073GAG2 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
More results

Similar Description - ZL50073

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50075 ZARLINK-ZL50075 Datasheet
499Kb / 60P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com