Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE5061A Datasheet(PDF) 3 Page - NTE Electronics

Part No. NTE5061A
Description  Zener Diode, 1 Watt ±5% Tolerance
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE5061A Datasheet(HTML) 3 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Maximum Ratings and Electrical Characteristics (Cont’d): (TC = +25°C, unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load, for capacitive load, derate current by 20%)
Nominal
Zener
Test
Maximum Dynamic
Impedance
Maximum
Leakage
Max DC
Zener
Max Forward
NTE Type
Number
Zener Voltage
Vz @ Izt
Current
(Izt)
Zzt @ Izt
Zzk @ Izk
Current
IR @ VR
Current
(Izm)
Voltage
VF @ IF
Volts
mA
mA
µA
Volts
mA
Volts
mA
NTE5094A
87
2.9
225
3000
0.25
5
65.7
1.2
200
NTE5095A
91
2.8
250
3000
0.25
5
69.2
1.2
200
NTE5096A
100
2.5
350
3000
0.25
5
76.0
1.2
200
NTE151A
110
2.3
600
5000
0.25
0.5
80
9.1
1.0
1A
NTE5097A
120
2.1
700
5000
0.25
0.5
90
8.3
1.0
1A
NTE5098A
130
1.9
800
5000
0.25
0.5
95
7.7
1.0
1A
NTE5099A
140
1.8
900
5000
0.25
0.5
105
7.1
1.0
1A
NTE5100A
150
1.7
1000
5000
0.25
0.5
110
6.6
1.0
1A
NTE5101A
160
1.6
1100
5000
0.25
0.5
120
6.3
1.0
1A
NTE5102A
170
1.5
1200
5000
0.25
0.5
130
5.9
1.0
1A
NTE5103A
180
1.4
1300
5000
0.25
0.5
140
5.6
1.0
1A
NTE5104A
190
1.3
1400
5000
0.25
0.5
150
5.3
1.0
1A
NTE5105A
200
1.3
1500
5000
0.25
0.5
160
5.0
1.0
1A
Color Band Denotes Cathode
1.100
(27.94)
Min
.210
(5.33)
Max
.107 (2.72)
Dia Max
.034 (0.87) Dia Max


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn