Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8622912 Datasheet(PDF) 25 Page - Zilog, Inc.

Part # Z8622912
Description  NTSC LINE 21 CCD DECODER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8622912 Datasheet(HTML) 25 Page - Zilog, Inc.

Back Button Z8622912 Datasheet HTML 21Page - Zilog, Inc. Z8622912 Datasheet HTML 22Page - Zilog, Inc. Z8622912 Datasheet HTML 23Page - Zilog, Inc. Z8622912 Datasheet HTML 24Page - Zilog, Inc. Z8622912 Datasheet HTML 25Page - Zilog, Inc. Z8622912 Datasheet HTML 26Page - Zilog, Inc. Z8622912 Datasheet HTML 27Page - Zilog, Inc. Z8622912 Datasheet HTML 28Page - Zilog, Inc. Z8622912 Datasheet HTML 29Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
<
ZiLOG
065% .KPG %%& &GEQFGT
&5
24 ' . + /+ 0# 4 ;

A command string can be interrupted at any time. The port
is resynchronized by sending the Serial Sync signal or by
activating the rising edge of SEN.
The SPI bus is a three-wire bus when used in a dedicated
manner between the Z86229 and the master device. If other
peripherals are connected to the bus, then the SEN pin must
be used to place this device on the bus at the appropriate
time. When SEN is Low, the SDO pin becomes tri-stated,
transitioning on the SCK and SDA pins, which, as a result,
are ignored.
If data output is not required from the Z86229, then control
can be accomplished using only the SCK and SDA pins. Be-
cause this type of operation precludes the ability to check
the RDY bit, it is very important that commands be spaced
by at least two frames (66 msec) to ensure that one command
has been executed before initiating another.
The bus is controlled by the master device, which generates
the serial clock (SCK) and initiates all actions. Clocking
data in on the SDA simultaneously produces a data out on
the SDO. The master should always check for the appro-
priate handshake signal before executing any command oth-
er than a NOP.
Writing to the part requires that the RDY bit be set, while
reading from the part requires checking the SS register to
see if the DAV bit is set. Both of these bits are contained
in the Serial Status (SS) register. Writing to the Z86229 con-
currently outputs the contents of the SS register, MSB first,
unless other data is being output as a result of one of the
READ commands. If it is required to read the SS without
executing a command, the NOP command can be written
at any time, even if the serial status RDY bit is not set.
The RDY status bit is driven onto the SDO pin between
command transmissions. The controlling MCU can test the
state of this pin, without clocking, in order to determine if
subsequent serial transfers are possible. The DAV bit can
only be checked by outputting the contents of the SS reg-
ister.
Writing to the SPI Bus
All write commands are either one or two-byte commands.
The number of data bytes to be received by the Z86229 is
inherent in the command. If the master device writes more
bytes than expected, the command may be overwritten or
corrupted by the extraneous bytes.
A write to the Z86229 should always be preceded by exe-
cuting a Status read to verify that the device is ready. The
serial status is output by the device, concurrent with the in-
put of any command byte. If the RDY bit of the serial status
register is set, the master device can write a new command.
The command and data bytes are written MSB first. Typi-
cally, the first byte of a two-byte command is sent first. The
bits are clocked into the Z86229 by placing the data on the
SDA input and bringing the SCK High.
Reading Data Using the SPI Bus
With the exception of the SS read, each read operation must
be set up before the data can actually be read from the serial
output registers of the device. Data is set up for a read op-
eration either automatically or manually. The XDS data is
set up for a READ automatically upon recovery by setting
a valid XDS FILTER register selection. All other data read
operations must be set up manually, using the READ SE-
LECT commands RDS1 and RDS2. These commands load
the selected data byte( or pair of bytes) into the serial output
registers, set the SS register RD2 bit according to the num-
ber of data bytes requested, and set the serial status DAV
bit to indicate the availability of data.
The Z86229 SPI Bus supports two and three byte read se-
quences. In SPI mode, the SS must be read before a read
sequence is started, so that the DAV and RD2 bits can be
checked. The number of data bytes available is indicated by
the state of the RD2 bit. The special command, READ1 or
READ2, is then used to read the one or two available data
bytes. The serial status is clocked out during the write of
the READ1 or READ2 command. The data byte or bytes
are then clocked-out in sequence, MSB first, while the NOP
commands are written into the device. Data bits are clocked-
out on the rising edge of SCK. All available data bytes must
be read to clear the DAV bit and permit subsequent reads.
The SPI Bus Protocol
The SPI Bus Protocol is defined as follows:
1.
The first bit of the first output byte is driven out on the
SDO. This action is followed by the rising edge of
SCK on the last bit (LSB) of the READ1 or READ2
command.
2.
A three-wire bus is defined with a Clock signal on the
SCK pin, a Serial Data Input on the SDA pin, and a
Serial Data Output on the SDO pin.
3.
The SEN pin Low disables the port, placing the SDO
pin in a tri-state. Signal transitions on SCK and SDA
are ignored.
4.
The SEN pin High enables the port for operation.
5.
The SEN and SMS pins Low indicate a hardware reset
for the part. These pins must be held Low for at least
100 ns.
6.
Serial synchronization can be established by clocking
in the minimum required SSR string of FFh, FFh, FEh.
More than two bytes of FFh may be input, but the
string must end with FEh.


Similar Part No. - Z8622912

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86227 ZILOG-Z86227 Datasheet
65Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER (4LDTC)
Z86227-04PSC ZILOG-Z86227-04PSC Datasheet
65Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER (4LDTC)
Z86228 ZILOG-Z86228 Datasheet
87Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER (L21C)
Z8622812PSC ZILOG-Z8622812PSC Datasheet
258Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER(L21C)
Z8622812PSG ZILOG-Z8622812PSG Datasheet
258Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER (L21C)
More results

Similar Description - Z8622912

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L2908 ZILOG-Z86L2908 Datasheet
32Kb / 2P
   NTSC LINE 21 DECODER
Z8623012SSG ZILOG-Z8623012SSG Datasheet
1Mb / 61P
   ADVANCED PROGRAM BLOCKING AND NTSC LINE 21 XDS DECODER
Z86129 ZILOG-Z86129 Datasheet
927Kb / 50P
   NTSC LINE 21 DECIDER
logo
Sanyo Semicon Device
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
   NTSC CCD 1H Delay Line
logo
Sony Corporation
CXL1512M SONY-CXL1512M Datasheet
118Kb / 13P
   CCD Delay Line for NTSC
CXL5502M SONY-CXL5502M Datasheet
187Kb / 13P
   CMOS-CCD 1H Delay Line for NTSC
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5512M SONY-CXL5512M Datasheet
158Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5513M SONY-CXL5513M Datasheet
153Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
logo
NXP Semiconductors
TDA3570 PHILIPS-TDA3570 Datasheet
209Kb / 6P
   NTSC DECODER
October 1979
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com