Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L2551 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR16L2551
Description  LOW VOLTAGE DUART WITH POWERSAVE
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L2551 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR16L2551 Datasheet HTML 3Page - Exar Corporation XR16L2551 Datasheet HTML 4Page - Exar Corporation XR16L2551 Datasheet HTML 5Page - Exar Corporation XR16L2551 Datasheet HTML 6Page - Exar Corporation XR16L2551 Datasheet HTML 7Page - Exar Corporation XR16L2551 Datasheet HTML 8Page - Exar Corporation XR16L2551 Datasheet HTML 9Page - Exar Corporation XR16L2551 Datasheet HTML 10Page - Exar Corporation XR16L2551 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
áç
áç
áç
áç
XR16L2551
REV. 1.0.0
LOW VOLTAGE DUART WITH POWERSAVE
7
1.0
PRODUCT DESCRIPTION
The XR16L2551 (L2551) provides serial asynchronous receive data synchronization, parallel-to-serial and
serial-to-parallel data conversions for both the transmitter and receiver sections.
These functions are
necessary for converting the serial data stream into parallel data that is required with digital data systems.
Synchronization for the serial data stream is accomplished by adding start and stop bits to the transmit data to
form a data character (character orientated protocol). Data integrity is ensured by attaching a parity bit to the
data character. The parity bit is checked by the receiver for any transmission bit errors. The electronic circuitry
to provide all these functions is fairly complex especially when manufactured on a single integrated silicon chip.
The L2551 represents such an integration with greatly enhanced features. The L2551 is fabricated with an
advanced CMOS process.
Transmit and Receive FIFOs (16 Bytes each)
The L2551 is an upward solution that provides a dual UART capability with 16 bytes of transmit and receive
FIFO memory, instead of none in the 16C2450. The L2551 is designed to work with high speed modems and
shared network environments, that require fast data processing time. Increased performance is realized in the
L2551 by the transmit and receive FIFO’s. This allows the external processor to handle more networking tasks
within a given time. For example, the ST16C2450 without a receive FIFO, will require unloading of the RHR in
93 microseconds (This example uses a character length of 11 bits, including start/stop bits at 115.2 Kbps). This
means the external CPU will have to service the receive FIFO less than every 100 microseconds. However with
the 16 byte FIFO in the L2551, the data buffer will not require unloading/loading for 1.53 ms. This increases the
service interval giving the external CPU additional time for other applications and reducing the overall UART
interrupt servicing time. In addition, the 4 selectable receive FIFO trigger interrupt levels is uniquely provided
for maximum data throughput performance especially when operating in a multi-channel environment. The
FIFO memory greatly reduces the bandwidth requirement of the external controlling CPU, increases
performance, and reduces power consumption.
Data Bus Interface, Intel or Motorola Type
The L2551 provides a single host interface for the 2 UARTs and supports Intel or Motorola microprocessor
(CPU) data bus interface. The Intel bus compatible interface allows direct interconnect to Intel compatible type
of CPUs using IOR#, IOW# and CSA# or CSB# inputs for data bus operation. The Motorola bus compatible
interface instead uses the R/W#, CS# and A3 signals for data bus transactions. Few data bus interface signals
change their functions depending on user’s selection, see pin description for details. The Intel and Motorola
bus interface selection is made through the 16/68# pin (pin 24 for 48-TQFP package and pin 17 for 32-QFN
package).
Enhanced Features
The XR16L2551 integrates the functions of 2 enhanced 16C550 Universal Asynchronous Receiver and
Transmitter (UART). Its features set is compatible to the XR16L2550 device but offers Intel or Motorola data
bus interface and PowerSave to isolate the data bus interface during Sleep mode. Each UART is independently
controlled having its own set of device configuration registers. The configuration registers set is 16550 UART
compatible for control, status and data transfer. Additionally, each UART channel has automatic RTS/CTS
hardware flow control, automatic Xon/Xoff and special character software flow control, infrared encoder and
decoder (IrDA ver 1.0), programmable baud rate generator with a prescaler of divide by 1 or 4, and data rate up
to 3.125 Mbps at 5V with a 50 MHz external clock.
The rich feature set of the L2551 is available through internal registers. Selectable receive FIFO trigger levels,
selectable TX and RX baud rates, and modem interface controls are all standard features. Following a power
on reset or an external reset (and operating in 16 or Intel Mode), the L2551 is functionally and software
compatible with the previous generation ST16C2450 and ST16C2550.


Similar Part No. - XR16L2551

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2551 EXAR-XR16L2551 Datasheet
902Kb / 49P
   LOW VOLTAGE DUART WITH POWERSAVE
XR16L2551IL EXAR-XR16L2551IL Datasheet
902Kb / 49P
   LOW VOLTAGE DUART WITH POWERSAVE
XR16L2551IM EXAR-XR16L2551IM Datasheet
902Kb / 49P
   LOW VOLTAGE DUART WITH POWERSAVE
XR16L2551 EXAR-XR16L2551_07 Datasheet
902Kb / 49P
   LOW VOLTAGE DUART WITH POWERSAVE
More results

Similar Description - XR16L2551

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2551 EXAR-XR16L2551_07 Datasheet
902Kb / 49P
   LOW VOLTAGE DUART WITH POWERSAVE
XR16M2551 EXAR-XR16M2551 Datasheet
1Mb / 51P
   HIGH PERFORMANCE LOW VOLTAGE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751_07 Datasheet
1,002Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2651 EXAR-XR16V2651 Datasheet
960Kb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16V2651 EXAR-XR16V2651_07 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16L2751 EXAR-XR16L2751 Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751 Datasheet
998Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE FEATURE
XR16V2551 EXAR-XR16V2551 Datasheet
965Kb / 51P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com