Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3880EUJ Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3880EUJ
Description  3-Phase Step-Down DC/DC Controller with Power System Management
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3880EUJ Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3880EUJ Datasheet HTML 4Page - Linear Technology LTC3880EUJ Datasheet HTML 5Page - Linear Technology LTC3880EUJ Datasheet HTML 6Page - Linear Technology LTC3880EUJ Datasheet HTML 7Page - Linear Technology LTC3880EUJ Datasheet HTML 8Page - Linear Technology LTC3880EUJ Datasheet HTML 9Page - Linear Technology LTC3880EUJ Datasheet HTML 10Page - Linear Technology LTC3880EUJ Datasheet HTML 11Page - Linear Technology LTC3880EUJ Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
dc2052af
DEMO MANUAL DC2052A
PARTS LIST
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURE/PART NUMBER
Required Circuit Components
1
6
C1, C2, C27, C28, C44, C45
CAP., X5R, 22μF, 25V, 10%, 1210
MURATA GRM32ER61E226KE15L
2
2
C3, C40
CAP., X7R, 4.7μF,16V, 10%, 0603
TDK C1608X5R1C475K
3
2
C4, C5
CAP., OS-CON, 330μF, 16V, 20%
SANYO, 16SVP330M
4
1
C6
CAP., X7R, 100nF, 25V, 10%, 0603
AVX 06033C104KAT2A
5
3
C21, C29, C47
CAP., X7R, 100nF, 25V, 10%, 0402
AVX 04023D104KAT2A
6
6
C7, C8, C14, C36, C41, C53
CAP., X5R, 1μF, 10V, 20%, 0402
AVX 0402ZD105KAT2A
7
2
C38, C39
CAP., X5R, 1μF, 10V, 20%, 0603
TAIYO YUDEN EMK107BJ105KA
8
18
C9, C10, C11, C12, C13, C30, C31, C32, C33,
C34, C35, C48, C49, C50, C51, C52, C71, C72
CAP., X5R, 100μF, 6.3V, 20%,1210
AVX 12106D107MAT2A
9
6
C16, C17, C18, C19, C20, C74
CAP., POSCAP, 470μF, 2.5V
SANYO, 2R5TPE470M9
10
3
C22, C37, C54
CAP., POSCAP, 470μF, 2.5V
AVX 0402YD104KAT2A
11
1
C23
CAP., X7R, 1000pF, 25V, 10%, 0603
AVX 06033A102KAT2A
12
3
C24, C26, C55
CAP., X5R, 10nF, 25V, 10%, 0402
AVX 04023C103KAT2A
13
1
C56
CAP., X5R, 100pF, 25V, 10%, 0603
AVX 06033A101JAT2A
14
1
C25
CAP., NPO, 47pF,25V, 10%, 0603
AVX 06033A470JAT2A
15
1
C42
CAP., X5R, 0.1μF, 10V, 20%, 0603
AVX 0603ZC104MAT2A
16
2
C43, C46
CAP., X7R, 0.01μF,16V, 10%, 0402
AVX 0402YC103KAT2A
17
3
D1, D2, D3
DIODE, SCHOTTKY, SOD-323
CENTRAL CMDSH-3TR
18
3
L1, L2, L3
INDUCTOR, SMT POWER IND. 0.3μH
COILCRAFT., XAL7070-301ME
19
3
Q1, Q4, Q5
DUAL N-CHANNEL MOSFET 25V
FAIRCHILD FDMS3620S
20
7
Q2, Q3, Q6
TRANS GP SS PNP 40V SOT-416
ON SEMI MMBT3906TT1
21
2
R1, R81
RES., CHIP, 2Ω, 1%, 0603
YAGEO RC0603FR-072RL
22
3
R2, R4, R6
RES., CHIP, 10k, 1%, 0603
NIC NRC06F1002TRF
23
3
R3, R17, R24
RES., CHIP, 10k, 1%, 0402
VISHAY CRCW040210K0FKED
24
6
R7, R8, R18, R19, R44, R45
RES., CHIP, 2.61k, 1%, 0402
VISHAY CRCW04022K61FKED
25
9
R11, R12, R35, R39, R43, R49, R51, R52, R56 RES., CHIP, 0Ω, 1%, 0603
VISHAY CRCW06030000Z0ED
26
6
R10, R14, R15, R22, R38, R94
RES., CHIP, 0Ω, 1%, 0402
VISHAY CRCW04020000Z0ED
27
1
R13
RES., CHIP, 4.53k, 1%, 0603
YAGEO RC0603FR-074K53L
28
2
R25, R26
RES., CHIP, 100Ω, 1%, 0402
VISHAY CRCW0402100RFKED
29
2
R40, R46
RES., CHIP, 4.99k, 1%, 0402
VISHAY CRCW04024K99FKEA
30
1
U1
IC, LTC3880EUJ, QFN 6mm x 6mm
LINEAR TECH., LTC3880EUJ#0125-1PBF
31
1
U2
IC, LTC3883EUH, QFN 5mm x 5mm
LINEAR TECH., LTC3883EUH#0126-1PBF
Additional Circuit Components
1
2
C60, C64
CAP., X7R, 4.7μF,16V, 10%, 0603
TDK C1608X5R1C475K
2
1
C59
CAP., X7R, 100nF, 25V, 10%, 0603
AVX 06033C104KAT2A
3
1
C70
CAP., X5R, 1μF, 10V, 20%, 0805
AVX 0805ZD105KAT2A
4
4
C61, C62, C65, C67, C68
CAP., X5R, 1μF, 10V, 20%, 1206
AVX 1206YD105KAT2A
5
0
C15, C57, C73 (OPT)
CAP., OPTIONAL


Similar Part No. - LTC3880EUJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3880 LINER-LTC3880 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3880 LINER-LTC3880 Datasheet
1Mb / 20P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3880 LINER-LTC3880 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
LTC3880 LINER-LTC3880 Datasheet
823Kb / 108P
   Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
LTC3880 LINER-LTC3880 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
More results

Similar Description - LTC3880EUJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3883 LINER-LTC3883_15 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3883 LINER-LTC3883 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3883-1 LINER-LTC3883-1_15 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
logo
Analog Devices
LTC3883 AD-LTC3883 Datasheet
1Mb / 116P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
logo
Linear Technology
LTC3887EUJ LINER-LTC3887EUJ Datasheet
1Mb / 14P
   Step-Down DC/DC Controller with Digital Power System Management
logo
Analog Devices
LTC3888-1 AD-LTC3888-1 Datasheet
2Mb / 110P
   Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3888 AD-LTC3888 Datasheet
3Mb / 118P
   Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
Rev. B
logo
Linear Technology
LTC3883EUH LINER-LTC3883EUH Datasheet
1Mb / 16P
   Single-Phase, Step-Down DC/DC Controller with Digital Power Management
LTC3886IUKG LINER-LTC3886IUKG Datasheet
3Mb / 26P
   60V Dual Output Step-Down DC/DC Controller with Digital Power System Management
LTC3880 LINER-LTC3880_15 Datasheet
1Mb / 116P
   Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com