Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3855EFE Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3855EFE
Description  Dual Output Synchronous Buck Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3855EFE Datasheet(HTML) 1 Page - Linear Technology

  LTC3855EFE Datasheet HTML 1Page - Linear Technology LTC3855EFE Datasheet HTML 2Page - Linear Technology LTC3855EFE Datasheet HTML 3Page - Linear Technology LTC3855EFE Datasheet HTML 4Page - Linear Technology LTC3855EFE Datasheet HTML 5Page - Linear Technology LTC3855EFE Datasheet HTML 6Page - Linear Technology LTC3855EFE Datasheet HTML 7Page - Linear Technology LTC3855EFE Datasheet HTML 8Page - Linear Technology LTC3855EFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
dc1617af
DEMO MANUAL DC1617A
DESCRIPTION
LTC3855EFE
Dual Output Synchronous
Buck Converter
Demonstration circuit DC1617A is a dual output synchro-
nous buck converter featuring the LTC®3855EFE in a high
density, two sided drop-in layout with power components
on the top and the control circuit on the bottom. The pack-
age style for the LTC3855EFE is a 38-lead TSSOP.
The board comes in two assembly types. The –A assembly
provides 2.5V/15A and 1.8V/15A from a 4.5V to 26V input.
DCR inductor sensing is used to provide the highest ef-
ficiency. The current limit is NTC compensated to provide
the minimal amount of variation over temperature. The –B
assembly is a high power, 12V/6A and 5V/10A converter
with a 13V to 36V input. A sense resistor is used to provide
a precise current limit.
The main features of the board are listed below:
• Remote sensing for VOUT2 on the –A assembly. On the
–B assembly, the diffamp is bypassed since VOUT2 is >
3.3V.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
PERFORMANCE SUMMARY
• Optional resistors for single output dual phase opera-
tion.
• PLLIN pin for synchronization to an external clock
which can be used in conjunction with PHASMD pin
and CLKOUT pin for up to 12-phase operation.
• Selectable light load operating modes of pulse skip,
Burst Mode® operation or FCM.
• TRACK/SS pins for external rail tracking.
• RUN pins and PGOOD pins for each phase.
Design files for this circuit board are available at
http://www.linear.com/demo
(TA = 25°C)
–A Assembly
PARAMETER
CONDITIONS
VALUE
Minimum Input Voltage
4.5V
Maximum Input Voltage
26V
Output Voltage VOUT1
IOUT1 = 0A TO 15A, VIN = 4.5V to 26V
2.5V ±2%
Output Voltage VOUT2
IOUT2 = 0A TO 15A, VIN = 4.5V to 26V
1.8V ±2%
VOUT1 Maximum Output Current, IOUT1
VIN = 4.5V to 26V, VOUT1 = 2.5V
15A
VOUT2 Maximum Output Current, IOUT2
VIN = 4.5V to 26V, VOUT2 = 1.8V
15A
Nominal Switching Frequency
250kHz
Efficiency, See Figure 3
VOUT1 = 2.5V, IOUT1 = 15A, VIN = 12V
93.0% Typical
VOUT2 = 1.8V, IOUT2 = 15A, VIN = 12V
91.7% Typical


Similar Part No. - LTC3855EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3855EFEPBF LINER-LTC3855EFEPBF Datasheet
2Mb / 44P
   Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
LTC3855EFETRPBF LINER-LTC3855EFETRPBF Datasheet
2Mb / 44P
   Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
More results

Similar Description - LTC3855EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3850EUF LINER-LTC3850EUF Datasheet
432Kb / 10P
   Dual Phase/Dual Output Synchronous Buck Converter
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
   High Current, Dual Output Synchronous Buck Converter
LTC3838EUHF-1 LINER-LTC3838EUHF-1 Datasheet
2Mb / 12P
   High Current, Dual Output Synchronous Buck Converter
logo
Rohm
BD93291EFJ ROHM-BD93291EFJ Datasheet
986Kb / 25P
   Dual Synchronous Buck Converter
logo
Linear Technology
LTC3884EUK LINER-LTC3884EUK Datasheet
2Mb / 14P
   Dual-Output, Synchronous Buck Converter with Power System Management
logo
Semtech Corporation
SC190 SEMTECH-SC190 Datasheet
1Mb / 18P
   Synchronous Buck Converter with Programmable Output
logo
Major-Power Technology ...
MA6002 MPOWER-MA6002 Datasheet
286Kb / 9P
   Dual 1.2A 1.5MHz Synchronous Buck Converter
MA6001 MPOWER-MA6001 Datasheet
357Kb / 10P
   Dual 1.5A 1.5MHz Synchronous Buck Converter
logo
Analog Devices
ADP1876 AD-ADP1876 Datasheet
618Kb / 24P
   600 kHz Dual Output Synchronous Buck
REV. A
logo
Major-Power Technology ...
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
   Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com