Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3676EUJ Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3676EUJ
Description  Power Management Solution for Application Processors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3676EUJ Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3676EUJ Datasheet HTML 6Page - Linear Technology LTC3676EUJ Datasheet HTML 7Page - Linear Technology LTC3676EUJ Datasheet HTML 8Page - Linear Technology LTC3676EUJ Datasheet HTML 9Page - Linear Technology LTC3676EUJ Datasheet HTML 10Page - Linear Technology LTC3676EUJ Datasheet HTML 11Page - Linear Technology LTC3676EUJ Datasheet HTML 12Page - Linear Technology LTC3676EUJ Datasheet HTML 13Page - Linear Technology LTC3676EUJ Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
dc1976aafa
DEMO MANUAL DC1976A-A
parts List
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
21
1
U3
PIC MICROCONTROLLER, 6mm × 6mm QFN-16
MICROCHIP, PIC16F722-I/ML
22
1
U4
LOW NOISE REGULATED CHARGE PUMP IN
2mm × 2mm DFN
LINEAR TECH., LTC3204BEDC-5
Hardware For Demo Board Only
1
18
E1-E4, E6, E7, E9-E12, E28-E35
TURRET, 0.09 DIA
MILL-MAX, 2501-2-00-80-00-00-07-0
2
17
E5, E8, E13-E27
TURRET, 0.061 DIA
MILL-MAX, 2308-2-00-80-00-00-07-0
3
1
J1
CONN, HEADER 14POS 2MM VERT GOLD
MOLEX, 87831-1420
4
1
J2
HEADER, 2mm × 3mm, 0.079 DOUBLE ROW
SAMTEC, TMM-103-02-L-D
5
2
JP1, JP2
HEADER, 1mm × 4mm PIN 0.079 SINGLE ROW
SAMTEC, TMM-104-02-L-S
6
1
JP3
HEADER, 1mm × 3mm PIN 0.079 SINGLE ROW
SAMTEC, TMM-103-02-L-S
9
1
FAB, PRINTED CIRCUIT BOARD
DC1976A-5-A/B
Required Circuit Components
1
1
R7
RES, CHIP, 732k, ±1%, 1/16W, 0402
VISHAY, CRCW0402732KFKED
2
1
R36
RES, CHIP, 280k, ±1%, 1/16W, 0402
VISHAY, CRCW0402280KFKED
3
1
R37
RES, CHIP, 1M, ±1%, 1/10W, 0402
VISHAY, CRCW04021M00FKED
4
1
R57
RES, CHIP, 1.10M, ±1%, 1/10W, 0402
VISHAY, CRCW04021M10FKED
5
0
R58
NO LOAD
6
1
R61
RES, CHIP, 0Ω JUMPER, 1/16W, 0402
VISHAY, CRCW04020000Z0ED
7
1
U1
PMIC FOR APPLICATION PROCESSORS
LINEAR TECH., LTC3676EUJ


Similar Part No. - LTC3676EUJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3676EUJ#PBF LINER-LTC3676EUJ#PBF Datasheet
517Kb / 38P
   Power Management Solution for Application Processors
LTC3676EUJ#TRPBF LINER-LTC3676EUJ#TRPBF Datasheet
517Kb / 38P
   Power Management Solution for Application Processors
LTC3676EUJ-1#PBF LINER-LTC3676EUJ-1#PBF Datasheet
517Kb / 38P
   Power Management Solution for Application Processors
LTC3676EUJ-1#TRPBF LINER-LTC3676EUJ-1#TRPBF Datasheet
517Kb / 38P
   Power Management Solution for Application Processors
More results

Similar Description - LTC3676EUJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3676 LINER-LTC3676_15 Datasheet
559Kb / 38P
   Power Management Solution for Application Processors
LTC3676-1 LINER-LTC3676-1_15 Datasheet
559Kb / 38P
   Power Management Solution for Application Processors
LTC3676 LINER-LTC3676 Datasheet
517Kb / 38P
   Power Management Solution for Application Processors
logo
Texas Instruments
LP3972 TI1-LP3972_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power Management Unit for Advanced Application Processors
logo
National Semiconductor ...
LP3971 NSC-LP3971 Datasheet
1Mb / 42P
   POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
logo
Texas Instruments
LP3971 TI1-LP3971 Datasheet
1Mb / 57P
[Old version datasheet]   Power Management Unit for Advanced Application Processors
logo
National Semiconductor ...
LP3972 NSC-LP3972 Datasheet
1Mb / 59P
   Power Management Unit for Advanced Application Processors
logo
Texas Instruments
LP3971 TI1-LP3971_16 Datasheet
1Mb / 52P
[Old version datasheet]   Power Management Unit for Advanced Application Processors
LP3972 TI1-LP3972_14 Datasheet
1Mb / 59P
[Old version datasheet]   Power Management Unit for Advanced Application Processors
logo
National Semiconductor ...
LP3970 NSC-LP3970 Datasheet
421Kb / 2P
   Power Management Unit for Advanced Application Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com