Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH-4845 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-4845
Description  Anode is electrically connected to the case
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4845 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-4845 Datasheet HTML 1Page - OSRAM GmbH SFH-4845 Datasheet HTML 2Page - OSRAM GmbH SFH-4845 Datasheet HTML 3Page - OSRAM GmbH SFH-4845 Datasheet HTML 4Page - OSRAM GmbH SFH-4845 Datasheet HTML 5Page - OSRAM GmbH SFH-4845 Datasheet HTML 6Page - OSRAM GmbH SFH-4845 Datasheet HTML 7Page - OSRAM GmbH SFH-4845 Datasheet HTML 8Page - OSRAM GmbH SFH-4845 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2015-12-23
4
Version 1.2
SFH 4845
Max. Permissible Forward Current
IF, max = f(TA), RthJA = 500 K / W
Forward Current 1) page 8
IF = f(VF), single pulse, tp = 100 µs, TA= 25°C
Permissible Pulse Handling Capability
IF = f(tp), TA = 25 °C, duty cycle D = parameter
Permissible Pulse Handling Capability
IF = f(tp), TA = 85 °C, duty cycle D = parameter
0
0
˚C
TA
F
I
mA
OHF05680
10
20
30
40
50
60
70
80
90
110
25
50
75
100
125
0
I
OHF05642
F
VF
mA
V
10
2
3
10
0
10
1
10
1
2
3
4
tp
0
T
t
A
IF
D =
I
P
T
F
P
t
OHF05676
-5
10
-3
-4
10
10
-1
-2
10
10
1
0
10
10 s
2
10
0.5
1
0.2
0.1
0.01
0.05
0.02
=
0.005
D
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.1
tp
0
T
t
A
IF
D =
I
P
T
F
P
t
OHF05677
-5
10
-3
-4
10
10
-1
-2
10
10
1
0
10
10 s
2
10
0.5
1
0.2
0.1
0.01
0.05
0.02
=
0.005
D
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.1


Similar Part No. - SFH-4845

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-484 OSRAM-SFH-484 Datasheet
81Kb / 8P
   GaAlAs-IR-Lumineszenzdioden
SFH-4841 OSRAM-SFH-4841 Datasheet
241Kb / 9P
   Anode is electrically connected to the case
SFH-4846 OSRAM-SFH-4846 Datasheet
240Kb / 9P
   Anode is electrically connected to the case
More results

Similar Description - SFH-4845

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4851 OSRAM-SFH-4851 Datasheet
239Kb / 9P
   Anode is electrically connected to the case
SFH-4841 OSRAM-SFH-4841 Datasheet
241Kb / 9P
   Anode is electrically connected to the case
SFH-4846 OSRAM-SFH-4846 Datasheet
240Kb / 9P
   Anode is electrically connected to the case
logo
M.S. Kennedy Corporatio...
MSK161 MSK-MSK161_15 Datasheet
153Kb / 6P
   Electrically Isolated Case
logo
CUI INC
AMT-14C-1-036 CUI-AMT-14C-1-036_V01 Datasheet
217Kb / 1P
   case_GND is connected internally to GND (black/red)
4/15/2020
logo
New Jersey Semi-Conduct...
1N3673RA NJSEMI-1N3673RA Datasheet
94Kb / 1P
   Stud is Anode.
logo
TE Connectivity Ltd
C-1461401 TEC-C-1461401 Datasheet
133Kb / 2P
   removed the rib on the base to case
C-1461247 TEC-C-1461247 Datasheet
126Kb / 2P
   removed the rib on the base to case
C-1461400 TEC-C-1461400 Datasheet
131Kb / 2P
   removed the rib on the base to case
C-1461402 TEC-C-1461402 Datasheet
226Kb / 2P
   removed the rib on the base to case
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com