Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C16052 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C16052
Description  Variant with longer distance between location pins allowing high voltage circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16052 Datasheet(HTML) 1 Page - Ledil, Inc.

  C16052 Datasheet HTML 1Page - Ledil, Inc. C16052 Datasheet HTML 2Page - Ledil, Inc. C16052 Datasheet HTML 3Page - Ledil, Inc. C16052 Datasheet HTML 4Page - Ledil, Inc. C16052 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
C16052_STRADELLA-8-HV-ME-N
STRADELLA-8-HV-ME-N
Beam designed for high poles and fulfilling
EN13201
M-class
requirements
where
road
width is less than the pole height. Variant with
longer distance between location pins allowing
high voltage circuit
TECHNICAL SPECIFICATIONS:
Dimensions
49.5x49.5 mm
Height
6 mm
Fastening
pin, screw
Colour
clear
Box size
476 x 273 x 292 mm
Box weight
5.9 kg
Quantity in Box
800 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADELLA-8-HV-ME-N
Lens
PMMA
clear
Last update: 04/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C16052

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16051 LEDIL-C16051 Datasheet
4Mb / 7P
   Asymmetric IESNA Type I (short) beam designed for tilted poles
C16058 LEDIL-C16058 Datasheet
1Mb / 3P
   횠50 mm basepart for Xicato XTM and XIM modules compatible with RONDA and CARMEN
More results

Similar Description - C16052

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10712 LEDIL-C10712 Datasheet
1Mb / 4P
   ~40째 wide beam with 1.5 mm high location pins
C10812 LEDIL-C10812 Datasheet
1Mb / 5P
   ~20째 medium beam with 1.7 mm high location pins
C11334 LEDIL-C11334 Datasheet
2Mb / 9P
   ~25째 medium beam with 1.5 mm high location pins
C13600 LEDIL-C13600 Datasheet
2Mb / 4P
   ~60째 wide beam with 1.5 mm high location pins.
C10755 LEDIL-C10755 Datasheet
2Mb / 9P
   ~25째 medium beam with 3 mm high location pins
C10756 LEDIL-C10756 Datasheet
4Mb / 11P
   ~40째 wide beam with 1.5 mm high location pins
C10427 LEDIL-C10427 Datasheet
2Mb / 4P
   ~25째 medium beam with 1.5 mm high location pins.
C10813 LEDIL-C10813 Datasheet
1Mb / 4P
   ~40째 wide beam with 1.7 mm high location pins
C10710 LEDIL-C10710 Datasheet
2Mb / 4P
   ~11째 spot beam with 1.5 mm high location pins
C10429 LEDIL-C10429 Datasheet
2Mb / 4P
   ~40째 wide beam with 1.5 mm high location pins.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com