Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2V300 Datasheet(PDF) 3 Page - NTE Electronics

Part # 2V300
Description  High Transient Current Capability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

2V300 Datasheet(HTML) 3 Page - NTE Electronics

  2V300 Datasheet HTML 1Page - NTE Electronics 2V300 Datasheet HTML 2Page - NTE Electronics 2V300 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Electrical Characteristics (Cont’d):
Maximum Ratings (TA = 25C)
Characteristics
Continuous
Transient
NTE Type
Number
Case Diameter
RMS
Voltage
(Volts)
DC
Voltage
(Volts)
Energy
(10/1000s)
(Joules)
Peak Current
(8/20s)
(Amps)
Nominal
Varistor
Voltage
@ 1mA DC
Test Current
(Volts)
Maximum
Clamping
Voltage, VC
@ Test Current
(8/20s)
(Volts)
Transient
Power
Dissipation
(Watts)
Vm (AC)
Vm (DC)
WTM
ITM
VNOM
VCL
PD
1V300
8.5mm
300
370
22.0
1200
470
740
0.25
2V300
16mm
300
370
79.0
4500
470
740
0.60
524V30
23mm
300
370
149.0
6500
470
740
1.00
2V420
16mm
420
560
90.0
4500
680
1110
0.60
524V42
23mm
420
560
160.0
6500
680
1110
1.00
2V480
16mm
480
640
105.0
4500
750
1240
0.60
524V48
23mm
480
640
180.0
6500
750
1240
1.00
Cautions:
NTE varistors short−circuit when subjected to surges beyond their peak current and energy ratings.
NTE varistors short−circuit when operated at steady−state voltages well beyond their voltage ratings, which may eventual-
ly result in open−circuiting leaving the circuit without protection.
The following precautions should be taken to minimize this potential hazard:
D Fusing the varistor to limit high fault currents.
D Protecting the surrounding circuitry by physical shielding.
D Locating the varistor away from other components.
LS
Typical Power Supply Circuit
100H
D
0.1F
150F
+
D
L
LL
H
LD
1V Series
.345 .235
.475
1.000 .200 .024
(9.0) (6.0)
(12.0) (25.4) (5.08) (0.6)
2V Series
.699 .275
.787
1.000 .315 .031
(17.8) (7.0)
(20.0) (25.4) (8.0) (0.8)
524V Series .945 .291
1.230 1.063 .394 .039
(24.0) (7.4)
(31.0) (27.0) (10.0) (1.0)
DH
L
LL
LS
LD


Similar Description - 2V300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
   High current capability
Revision: 21-Nov-13
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
   High Current Capability
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
Chongqing Pingwei Enter...
MBR1060CT CHONGQING-MBR1060CT Datasheet
213Kb / 1P
   High current capability
logo
Inchange Semiconductor ...
BUZ30A ISC-BUZ30A Datasheet
66Kb / 2P
   High current capability
2SA2121 ISC-2SA2121 Datasheet
114Kb / 2P
   High Current Capability
2SA1028 ISC-2SA1028 Datasheet
69Kb / 2P
   High Current Capability
logo
DIYI Electronic Technol...
RDB151 DYELEC-RDB151 Datasheet
1Mb / 2P
   High current capability
KBP4005 DYELEC-KBP4005 Datasheet
234Kb / 2P
   High current capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com