Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2V014 Datasheet(PDF) 1 Page - NTE Electronics

Part # 2V014
Description  High Transient Current Capability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

2V014 Datasheet(HTML) 1 Page - NTE Electronics

  2V014 Datasheet HTML 1Page - NTE Electronics 2V014 Datasheet HTML 2Page - NTE Electronics 2V014 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE1V010 thru NTE1V300
NTE2V010 thru NTEV480
NTE524V13 thru NTE524V48
Metal Oxide Varistors (MOV)
Description:
The NTE Metal Oxide Varistors feature a barrier layer that gives the user fast response time. These devices have a high
transient current handling capability when high voltage is applied. Static resistance is, however, very high under low voltage
conditions, permitting low standby drain currents.
The NTE 1V Series Varistors have a non−linear voltage/current characteristic as expressed by the relationship:
I= KVn
Where I = The current in amperes
V = The voltage
K = A constant
n = A constant which shows the dependence of
the voltage V upon the current I. It is called
the voltage−dependant index
Features:
D High Transient Current Capability − up to 6500A
D Fast Response Time − less than 35ns
D Excellent Voltage Clamping Characteristics
D Very Low Temperature Coefficient
D Low Standby Current
D High Energy Capability
D The Value for “n” is Greater
D Very Low Leakage Current
D Low Capacitance
D Low Overshoot Characteristics
Electrical Ratings:
Varistor Voltage
The voltage across the varistor at a DC current of 1.0mA.
Energy
The maximum electrical energy which can be dissipated within the varistor by a single impulse of 10 x 1000s current
waveform with continuous voltage applied. Energy ratings are based on a shift of varistor voltage of less than 10% of the
initial value. The unit is expressed in joules.
Peak Current
The maximum current allowable for a single pulse of 8 x 20s exponential waveform.
Operating Ambient Temperature
−40 to +85C
...............................................................
Storage Temperature
−40 to +125C
......................................................................
Response Time
less than 35ns
............................................................................
Voltage Temperature Coefficient
less than 0.05%/C
..........................................................
Non−Linear Exponent
NTE1V010 to NTE1V075, NTE2V010 to NTE2V075
15 to 50
...........................................
NTE1V095 to NTE1V300, NTE2V095 to NTE2V480, NTE524V13 to NTE542V48
greater than 40
..........
Maximum Leakage Current
10A
..........................................................................
Rev. 10−14


Similar Part No. - 2V014

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2V0BS SEMTECH_ELEC-2V0BS Datasheet
350Kb / 6P
   SILICON PLANAR ZENER DIODES
2V0BSA SEMTECH_ELEC-2V0BSA Datasheet
350Kb / 6P
   SILICON PLANAR ZENER DIODES
2V0BSB SEMTECH_ELEC-2V0BSB Datasheet
350Kb / 6P
   SILICON PLANAR ZENER DIODES
2V0HS SEMTECH_ELEC-2V0HS Datasheet
273Kb / 5P
   SILICON PLANAR ZENER DIODES
2V0HSA SEMTECH_ELEC-2V0HSA Datasheet
273Kb / 5P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - 2V014

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
   High current capability
Revision: 21-Nov-13
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
   High Current Capability
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
Chongqing Pingwei Enter...
MBR1060CT CHONGQING-MBR1060CT Datasheet
213Kb / 1P
   High current capability
logo
Inchange Semiconductor ...
BUZ30A ISC-BUZ30A Datasheet
66Kb / 2P
   High current capability
2SA2121 ISC-2SA2121 Datasheet
114Kb / 2P
   High Current Capability
2SA1028 ISC-2SA1028 Datasheet
69Kb / 2P
   High Current Capability
logo
DIYI Electronic Technol...
RDB151 DYELEC-RDB151 Datasheet
1Mb / 2P
   High current capability
KBP4005 DYELEC-KBP4005 Datasheet
234Kb / 2P
   High current capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com