Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S1D2512X01 Datasheet(PDF) 14 Page - Samsung semiconductor

Part No. S1D2512X01
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S1D2512X01 Datasheet(HTML) 14 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
S1D2512X01
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
13
Max vertical S-correction amplitude (see 14)
XOXXXXXX inhibits S-CORR
X1111111 gives max S-CORR
dVS
Sub address 07
∆V/Vpp at TV/4
∆V/Vpp at 3TV/4
-4
+4
%
%
Vertical C-Corr amplitude
XOXXXXXX inhibits C-corr
Ccorr
Sub address 08
∆V/Vpp at TV/2
Byte X1000000
Byte X1100000
Byte X1111111
-3
0
3
%
%
%
EAST/WEST FUNCTION
DC output voltage with typ. Vpos, keystone
and corner inhibited
EWDC
pin 24,
see figure 2
2.5
V
DC output voltage thermal drift
TDEWDC see note 7
100
ppm/
C
Parabola amplitude with max. Vamp,
typ. V-Pos, keystone and corner inhibited
EWpara
Sub address 0A
Byte 1111111
Byte 1100000
Byte 1000000
1.7
0.85
0
Vpp
Vpp
Vpp
Parabola amplitude function of V-AMP control
(tracking between V-AMP and E/W) with typ.
Vpos, typ. EW amplitude, keystone and corner
inhibited (see 8)
EWtrack
Sub address 05
Byte 1000000
Byte 1100000
Byte 1111111
0.30
0.55
0.85
Vpp
Vpp
Vpp
Keystone adjustment capability with typ.Vpos,
corner and E/W inhibited and max. vertical
amplitude. (see 8)
KeyAdj
Sub address 09
Byte 1x000000
Byte 1x111111
0.65
0.65
Vpp
Vpp
Intrinsic keystone function of V-POS control
(tracking between V-pos and EW) max. E/W
and max. vertical amplitude and corner
inhibited. (see 7)
A/B ratio
B/A ratio
Key-
Track
Sub address 06
Byte x0000000
Byte x1111111
0.52
0.52
Corner amplitude with max. VAMP, typ.
VPOS,
keystone and E/W inhibit
Corner
Sub address 0B
Byte 11111111
Byte 11000000
Byte 10000000
1.7
0
-1.7
Vpp
Vpp
Vpp
INTERNAL HORIZONTAL DYNAMIC PHASE CONTROL FUNCTION
Side pin balance parabola amplitude (Figure3)
with max. Vamp, typ. V-POS and
parallelogram inhibited (see 8, 9)
SPBpara
Sub address 0D
Byte x1111111
Byte x1000000
+1.4
-1.4
%TH
%TH
Table 11. Vertical Section Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn