Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2512X01 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # S1D2512X01
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2512X01 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button S1D2512X01 Datasheet HTML 7Page - Samsung semiconductor S1D2512X01 Datasheet HTML 8Page - Samsung semiconductor S1D2512X01 Datasheet HTML 9Page - Samsung semiconductor S1D2512X01 Datasheet HTML 10Page - Samsung semiconductor S1D2512X01 Datasheet HTML 11Page - Samsung semiconductor S1D2512X01 Datasheet HTML 12Page - Samsung semiconductor S1D2512X01 Datasheet HTML 13Page - Samsung semiconductor S1D2512X01 Datasheet HTML 14Page - Samsung semiconductor S1D2512X01 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01
10
Max. sourced current on VREF-H
IREF-H
Pin 13
5
mA
Max. sourced current on VREF-V
IREF-V
Pin 21
5
mA
1st PLL SECTION
Polarity integration delay
HpoIT
Pin 1
0.75
ms
VCO control voltage (pin 7)
VVCO
VREF-H = 8V
fo
fH (Max.)
1.3
6.2
V
V
VCO gain (pin 7)
VCOG
Ro = 6.49K
Ω,
Co = 820pF,
dF/dV = 1/11RoCo
17
kHz/V
Horizontal phase adjustment (see 11)
Hph
% of horizontal period
±10
%
Horizontal phase setting value (Pin 8)
(see 11)
Minimum current value
Typical value
Maximum value
Hphmin
Hphtyp
Hphmax
Sub-address 01
Byte x 1111111
Byte x 1000000
Byte x 0000000
2.8
3.4
4.0
V
V
V
PLL1 filter current charge
IPII1U
IPII1L
PLL1 is unlocked
PLL1 is locked
±140
±1
µA
mA
Free running frequency
fo
Ro = 6.49K
Ω,
Co = 820pF,
fo = 0.97/8RoCo
22.8
kHz
Free running frequency thermal drift (no
drift on external components) (see 7)
dF0/dT
-150
ppm/c
Free running frequency adjustment
Minimum value
Maximum value
fo(Min.)
fo(Max.)
Sub-address 02
Byte x x x 11111
Byte x x x 00000
0.8
1.3
Fo
Fo
PLL1 capture range
CR
Ro = 6.49K
Ω,
Co = 820pF,
from fo + 0.5kHz to
4.5Fo (fo:22.8kHz)
fH (min.)
fH (max.)
100
23.5
kHz
kHz
Safe forced frequency
SF1 Byte 11 x x x x x x
SF2 Byte 10 x x x x x x
SFF
Sub-address 02
2F0
3F0
2ND PLL SECTION HORIZONTAL OUTPUT SECTION
Flyback input threshold
voltage (pin12)
FBth
0.65
0.75
V
Horizontal jitter
Hjit
At 31.4kHz
70
ppm
Table 9. Horizontal Section Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit


Similar Part No. - S1D2512X01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0 SAMSUNG-S1D2511B01-A0 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0B0 SAMSUNG-S1D2511B01-A0B0 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2514X01 SAMSUNG-S1D2514X01 Datasheet
549Kb / 54P
   S1D2514X01-D0B0
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
More results

Similar Description - S1D2512X01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com