Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S1D2512X01 Datasheet(PDF) 10 Page - Samsung semiconductor

Part No. S1D2512X01
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S1D2512X01 Datasheet(HTML) 10 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
S1D2512X01
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
9
I2C Bus Timing Requirement
HORIZONTAL SECTION
OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS (VDD = 5V, Tamb = 25 °C)
Table 8. Horizontal Section Operating Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VCO
Minimum oscillator resistor
Ro(Min.)
Pin 6
6
K
Minimum oscillator capacitor
Co(Min.)
Pin 5
390
pF
Maximum oscillator frequency
Fo(Max.)
150
kHz
OUTPUT SECTION
Maximum input peak current
I12m
Pin 12
5
mA
Horizontal drive output maximum
current
HOI
Pin 26, sunk current
30
mA
Table 9. Horizontal Section Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY AND REFERENCE VOLTAGE
Supply voltage
Vcc
Pin 29
10.8
12
13.2
V
Supply voltage
VDD
Pin 32
4.5
5
5.5
V
Supply current
ICC
Pin 29
50
mA
Supply current
IDD
Pin 32
5
mA
Horizontal reference voltage
VREF-H
Pin 13, I = -2mA
7.4
8
8.6
V
Vertical reference voltage
VREF-V
Pin 21, I = -2mA
7.4
8
8.6
V
tBUF
SDA
SCL
tHDS
tSUPDAT
tHIGH
tSUP
tHDAT
tLOW
Stop:Clock High
Start:Clock High
Data Change:Clock Low


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn