Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S1D2512X01 Datasheet(PDF) 8 Page - Samsung semiconductor

Part No. S1D2512X01
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S1D2512X01 Datasheet(HTML) 8 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
S1D2512X01
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
7
ABSOLUTE MAXIMUM RATINGS
THERMAL CHARACTERISTICS
SYNC PROCESSOR
OPERATING CODNITIONS(VDD = 5V, Tamb = 25 °C)
Table 3. Absolute Maximum Ratings
No
Item
Symbol
Value
Unit
1
Supply voltage (Pin 29)
VCC
13.5
V
2
Supply voltage (Pin 32)
VDD
5.7
V
3
Maximum voltage on Pin 4
Pin 5
Pin 6, 7, 8, 14, 15, 16, 20, 22
Pin 9, 10, 18, 23, 24, 25, 26, 28
Pin 1, 2, 3, 30, 31
VIN
4.0
6.4
8.0
VCC
VDD
V
V
V
V
V
4
ESD susceptibility
Human body model, 100pF discharge through 1.5K
EIAJ norm, 200pF discharge through 0
VESD
2
300
kV
V
5
Storage temperature
Tstg
- 40, +150
°C
6
Operating temperature
Topr
0, +70
°C
Table 4. Thermal Characteristics
No
Item
Symbol
Value
Unit
1
Junction temperature
Tj
+150
°C
2
Junction-ambient thermal resistance
θja
65
°C/W
Table 5. Sync Processor Operating Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Horizontal sync input voltage
HsVR
Pin 1
0
5
V
Minimum horizontal input pulse duration
MinD
Pin 1
0.7
µs
Maximum horizontal input signal duty cycle
Mduty
Pin 1
25
%
Vertical sync input voltage
VsVR
Pin 2
0
5
V
Minimum vertical sync pulse width
VSW
Pin 2
5
µs
Maximum vertical sync input duty cycle
VSmD
Pin 2
15
%
Maximum vertical sync width on TTL H/V composite
VextM
Pin 1
750
µs
Sink and source current
IHLOCKOUT
Pin 3
250
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn