Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S1D2512X01 Datasheet(PDF) 4 Page - Samsung semiconductor

Part No. S1D2512X01
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2512X01 Datasheet(HTML) 4 Page - Samsung semiconductor

  S1D2512X01 Datasheet HTML 1Page - Samsung semiconductor S1D2512X01 Datasheet HTML 2Page - Samsung semiconductor S1D2512X01 Datasheet HTML 3Page - Samsung semiconductor S1D2512X01 Datasheet HTML 4Page - Samsung semiconductor S1D2512X01 Datasheet HTML 5Page - Samsung semiconductor S1D2512X01 Datasheet HTML 6Page - Samsung semiconductor S1D2512X01 Datasheet HTML 7Page - Samsung semiconductor S1D2512X01 Datasheet HTML 8Page - Samsung semiconductor S1D2512X01 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
S1D2512X01
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
3
PIN CONFIGURATIONS
VREF
SDA
SCL
C0
R0
HPOSITION
PLL1F
PLL2C
XRAY
HOUT
VGND
EWOUT
VCC
9
3
2
1
6
5
8
7
21
31
30
25
26
10
19
29
24
VAGCCAP
COMP
HFLY
4
14
12
28
HMOIRE
HLOCKOUT
VSYNCIN
H/HVIN
13
FOCUSOUT
HREF
20
BOUT
5V
32
22
VCAP
15
16
18
REGIN
ISENSE
B+GND
BREATH
GND
27
17
VOUT
23
11
HGND
S1D2512X


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn