Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMV6-4822 Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # DMV6-4822
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DMV6-4822 Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  DMV6-4822 Datasheet HTML 1Page - PAIRUI GROUP INC. DMV6-4822 Datasheet HTML 2Page - PAIRUI GROUP INC. DMV6-4822 Datasheet HTML 3Page - PAIRUI GROUP INC. DMV6-4822 Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.pairuigroup.com
Page: 1 / 4
Date: 07/21/2015
*Subject to change without notice
DC-DC Converter
DIP-Package
DMV-6 SERIES, 6WATT, 2:1 INPUT RANGE
FEATURES:
1500Vdc isolation voltage
Metal case with low ripple and noise
Short circuit and input under voltage protection
Operating temperature range -40
to +85
3 year warranty
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
DMV6-0511
5(4.5~9)
3.3
1500
72%
DMV6-0512
5
1200
76%
DMV6-0516
9
667
77%
DMV6-0513
12
500
78%
DMV6-0514
15
400
79%
DMV6-0515
24
250
79%
DMV6-0521
±5
±600
75%
DMV6-0522
±9
±333
76%
DMV6-0523
±12
±250
78%
DMV6-0524
±15
±200
79%
DMV6-0525
±24
±125
78%
DMV6-1211
12(9~18)
3.3
1500
72%
DMV6-1212
5
1200
76%
DMV6-1216
9
667
77%
DMV6-1213
12
500
78%
DMV6-1214
15
400
79%
DMV6-1215
24
250
80%
DMV6-1221
±5
±600
79%
DMV6-1222
±9
±333
81%
DMV6-1223
±12
±250
81%
DMV6-1224
±15
±200
82%
DMV6-1225
±24
±125
82%
DMV6-2411
24(18~36)
3.3
1500
78%
DMV6-2412
5
1200
82%
DMV6-2416
9
667
80%
DMV6-2413
12
500
81%
DMV6-2414
15
400
82%
DMV6-2415
24
250
83%
DMV6-2421
±5
±600
80%


Similar Part No. - DMV6-4822

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DMV6W-2411 PAIRUI-DMV6W-2411 Datasheet
447Kb / 4P
   DC-DC Converter
DMV6W-2412 PAIRUI-DMV6W-2412 Datasheet
447Kb / 4P
   DC-DC Converter
DMV6W-2413 PAIRUI-DMV6W-2413 Datasheet
447Kb / 4P
   DC-DC Converter
DMV6W-2414 PAIRUI-DMV6W-2414 Datasheet
447Kb / 4P
   DC-DC Converter
DMV6W-2415 PAIRUI-DMV6W-2415 Datasheet
447Kb / 4P
   DC-DC Converter
More results

Similar Description - DMV6-4822

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com