Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NK350-12 Datasheet(PDF) 4 Page - PAIRUI GROUP INC.

Part # NK350-12
Description  AC-DC Switching Mode Power Supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

NK350-12 Datasheet(HTML) 4 Page - PAIRUI GROUP INC.

  NK350-12 Datasheet HTML 1Page - PAIRUI GROUP INC. NK350-12 Datasheet HTML 2Page - PAIRUI GROUP INC. NK350-12 Datasheet HTML 3Page - PAIRUI GROUP INC. NK350-12 Datasheet HTML 4Page - PAIRUI GROUP INC. NK350-12 Datasheet HTML 5Page - PAIRUI GROUP INC. NK350-12 Datasheet HTML 6Page - PAIRUI GROUP INC. NK350-12 Datasheet HTML 7Page - PAIRUI GROUP INC. NK350-12 Datasheet HTML 8Page - PAIRUI GROUP INC. NK350-12 Datasheet HTML 9Page - PAIRUI GROUP INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
INPUT
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input voltage
Selected by switch
90
176
132
264
Vac
Vac
Input frequency
47
63
Hz
Inrush current
Cold start, Vin=230Vac
60
A
Leakage current
Vin=240Vac
1
mA
Updated 2016-V1.0-0830
PRODUCT SPECIFICATION
www.pairuigroup.com
PAIRUI ELECTRONICS
Page:3/9
switching mode power supply


Similar Part No. - NK350-12

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
NK350-12 PAIRUI-NK350-12 Datasheet
627Kb / 8P
   AC-DC Switching Mode Power Supply
More results

Similar Description - NK350-12

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
NK-100 PAIRUI-NK-100_19 Datasheet
651Kb / 8P
   AC-DC Switching Mode Power Supply
NK-200 PAIRUI-NK-200_19 Datasheet
635Kb / 8P
   AC-DC Switching Mode Power Supply
NK-50 PAIRUI-NK-50_19 Datasheet
634Kb / 8P
   AC-DC Switching Mode Power Supply
NK-350 PAIRUI-NK-350_19 Datasheet
627Kb / 8P
   AC-DC Switching Mode Power Supply
NK-35 PAIRUI-NK-35_19 Datasheet
634Kb / 8P
   AC-DC Switching Mode Power Supply
NK-35 PAIRUI-NK-35 Datasheet
687Kb / 10P
   AC-DC Switching Mode Power Supply
NK-75 PAIRUI-NK-75_19 Datasheet
641Kb / 8P
   AC-DC Switching Mode Power Supply
NK-150 PAIRUI-NK-150 Datasheet
696Kb / 11P
   AC-DC Switching Mode Power Supply
NK-200 PAIRUI-NK-200 Datasheet
693Kb / 11P
   AC-DC Switching Mode Power Supply
NK-50 PAIRUI-NK-50 Datasheet
687Kb / 10P
   AC-DC Switching Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com