Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NK100-36 Datasheet(PDF) 3 Page - PAIRUI GROUP INC.

Part # NK100-36
Description  AC-DC Switching Mode Power Supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

NK100-36 Datasheet(HTML) 3 Page - PAIRUI GROUP INC.

  NK100-36 Datasheet HTML 1Page - PAIRUI GROUP INC. NK100-36 Datasheet HTML 2Page - PAIRUI GROUP INC. NK100-36 Datasheet HTML 3Page - PAIRUI GROUP INC. NK100-36 Datasheet HTML 4Page - PAIRUI GROUP INC. NK100-36 Datasheet HTML 5Page - PAIRUI GROUP INC. NK100-36 Datasheet HTML 6Page - PAIRUI GROUP INC. NK100-36 Datasheet HTML 7Page - PAIRUI GROUP INC. NK100-36 Datasheet HTML 8Page - PAIRUI GROUP INC. NK100-36 Datasheet HTML 9Page - PAIRUI GROUP INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical
PRODUCT SPECIFICATION
Part Number
Nominal
Input Voltage
Output
Voltage
Output
Current
Ripple
(Typ.)
Efficiency
(Typ.)
Certificate
NK100-5
100-240VAC
5V
16A
100mV
85%
CE
NK100-12
100-240VAC
12V
8.5A
120mV
87%
CE
NK100-15
100-240VAC
15V
7A
120mV
87%
CE
NK100-24
100-240VAC
24V
4.5A
120mV
88%
CE
NK100-36
100-240VAC
36V
2.8A
200mV
89%
CE
NK100-48
100-240VAC
48V
2.3A
200mV
90%
CE
Updated 2016-V1.0-0830
NOTE:
1. The
ripple values are measured at 20MHz of bandwidth by using a 12'' twisted pair-wire termin-
ated with 0.1uF & 47uF parallel capacitor under ambient temperature 25℃ at rated input voltage
and
rated load;
2. The efficiency values are measured under ambient temperature 25℃ at rated input voltage and rat-
ed load.
www.pairuigroup.com
PAIRUI ELECTRONICS
Page:2/9
switching mode power supply


Similar Part No. - NK100-36

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
NK100-36 PAIRUI-NK100-36 Datasheet
651Kb / 8P
   AC-DC Switching Mode Power Supply
More results

Similar Description - NK100-36

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
NK-100 PAIRUI-NK-100_19 Datasheet
651Kb / 8P
   AC-DC Switching Mode Power Supply
NK-200 PAIRUI-NK-200_19 Datasheet
635Kb / 8P
   AC-DC Switching Mode Power Supply
NK-50 PAIRUI-NK-50_19 Datasheet
634Kb / 8P
   AC-DC Switching Mode Power Supply
NK-350 PAIRUI-NK-350_19 Datasheet
627Kb / 8P
   AC-DC Switching Mode Power Supply
NK-35 PAIRUI-NK-35_19 Datasheet
634Kb / 8P
   AC-DC Switching Mode Power Supply
NK-35 PAIRUI-NK-35 Datasheet
687Kb / 10P
   AC-DC Switching Mode Power Supply
NK-75 PAIRUI-NK-75_19 Datasheet
641Kb / 8P
   AC-DC Switching Mode Power Supply
NK-150 PAIRUI-NK-150 Datasheet
696Kb / 11P
   AC-DC Switching Mode Power Supply
NK-200 PAIRUI-NK-200 Datasheet
693Kb / 11P
   AC-DC Switching Mode Power Supply
NK-350 PAIRUI-NK-350 Datasheet
691Kb / 10P
   AC-DC Switching Mode Power Supply
NK-50 PAIRUI-NK-50 Datasheet
687Kb / 10P
   AC-DC Switching Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com