Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NK100-12 Datasheet(PDF) 7 Page - PAIRUI GROUP INC.

Part # NK100-12
Description  AC-DC Switching Mode Power Supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

NK100-12 Datasheet(HTML) 7 Page - PAIRUI GROUP INC.

Back Button NK100-12 Datasheet HTML 2Page - PAIRUI GROUP INC. NK100-12 Datasheet HTML 3Page - PAIRUI GROUP INC. NK100-12 Datasheet HTML 4Page - PAIRUI GROUP INC. NK100-12 Datasheet HTML 5Page - PAIRUI GROUP INC. NK100-12 Datasheet HTML 6Page - PAIRUI GROUP INC. NK100-12 Datasheet HTML 7Page - PAIRUI GROUP INC. NK100-12 Datasheet HTML 8Page - PAIRUI GROUP INC. NK100-12 Datasheet HTML 9Page - PAIRUI GROUP INC. NK100-12 Datasheet HTML 10Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Environment
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Ambient operating
temperature
Startup at rated voltage
(Derating required)
-30
+70
Operating relative humidity
Non condensing
20
95
%
Storagetemperature
Humidity 10 ~ 95% RH
-
40
+
85
MTBF
Fullload, 220Vac input, 25℃ambient
temperature
200
Khrs
Cooling
Free air convection
Dimension(W x H x D)
129.0 x 97.0 x 30.0mm
(5.08 x 3.82 x 1.18inch)
Weight
350g
Packing
40pcs/15kg/0.7cuft/carton
Carton size 620 x 260 x 175mm(LxWxH)
PRODUCT SPECIFICATION
Updated 2016-V1.0-0830
www.pairuigroup.com
PAIRUI ELECTRONICS
Page:6/9
switching mode power supply


Similar Part No. - NK100-12

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
NK100-12 PAIRUI-NK100-12 Datasheet
651Kb / 8P
   AC-DC Switching Mode Power Supply
More results

Similar Description - NK100-12

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
NK-100 PAIRUI-NK-100_19 Datasheet
651Kb / 8P
   AC-DC Switching Mode Power Supply
NK-200 PAIRUI-NK-200_19 Datasheet
635Kb / 8P
   AC-DC Switching Mode Power Supply
NK-50 PAIRUI-NK-50_19 Datasheet
634Kb / 8P
   AC-DC Switching Mode Power Supply
NK-350 PAIRUI-NK-350_19 Datasheet
627Kb / 8P
   AC-DC Switching Mode Power Supply
NK-35 PAIRUI-NK-35_19 Datasheet
634Kb / 8P
   AC-DC Switching Mode Power Supply
NK-35 PAIRUI-NK-35 Datasheet
687Kb / 10P
   AC-DC Switching Mode Power Supply
NK-75 PAIRUI-NK-75_19 Datasheet
641Kb / 8P
   AC-DC Switching Mode Power Supply
NK-150 PAIRUI-NK-150 Datasheet
696Kb / 11P
   AC-DC Switching Mode Power Supply
NK-200 PAIRUI-NK-200 Datasheet
693Kb / 11P
   AC-DC Switching Mode Power Supply
NK-350 PAIRUI-NK-350 Datasheet
691Kb / 10P
   AC-DC Switching Mode Power Supply
NK-50 PAIRUI-NK-50 Datasheet
687Kb / 10P
   AC-DC Switching Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com