Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNV6-1211F Datasheet(PDF) 2 Page - PAIRUI GROUP INC.

Part # DNV6-1211F
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DNV6-1211F Datasheet(HTML) 2 Page - PAIRUI GROUP INC.

  DNV6-1211F Datasheet HTML 1Page - PAIRUI GROUP INC. DNV6-1211F Datasheet HTML 2Page - PAIRUI GROUP INC. DNV6-1211F Datasheet HTML 3Page - PAIRUI GROUP INC. DNV6-1211F Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.pairuigroup.com
Page: 2 / 4
Date: 12/03/2015
*Subject to change without notice
DC-DC Converter
DIP-Package
DNV-6F SERIES, 6WATT, 2:1 INPUT RANGE
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
DNV6-2422F
24(18~36)
±12
250
82%
DNV6-2423F
±15
200
82%
DNV6-2424F
±24
125
84%
DNV6-4811F
48(36~72)
5
1200
82%
DNV6-4815F
9
667
82%
DNV6-4812F
12
500
80%
DNV6-4813F
15
400
84%
DNV6-4814F
24
250
80%
DNV6-4821F
±5
600
80%
DNV6-4825F
±9
333
81%
DNV6-4822F
±12
250
82%
DNV6-4823F
±15
200
80%
DNV6-4824F
±24
125
80%
Notes: other input and output models may available on request.
Above models are default to plastic case, you may request for the models with metal case, plus “M” in the suffix.
ELECTRICAL
Output voltage accuracy
(Full voltage, full load)
+Vo
-Vo
±2% max.
±3% max.
Line regulation
Nominal Load, full voltage
±0.5% max.
Load regulation
20% ~ 100% full load
±1% max.
Ripple and noise
20MHz BM, full load
100mVp-p max.
Operating frequency
Typical value
300KHz typ.
Isolation voltage
(<1mA/min)
Input to output
3000Vdc
Isolation resistance
---
1000m
Temperature coefficient
---
±0.03%/
max.
Operating temperature range
---
-40
to +85
Storage temperature range
---
-55
to +125
Short circuit protection
---
Continuous, auto-recovery
Relative humidity
---
10%-90%
MTBF
Bellcore TR-332, 25
1000KHrs
Weight
---
18g
Notes: All the parameters are measured at 25
ambient temperature, humidity < 75%, nominal input voltage,
full load and after warm-up, unless otherwise specified.


Similar Part No. - DNV6-1211F

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DNV6-1211 PAIRUI-DNV6-1211 Datasheet
403Kb / 3P
   DC-DC Converter
DNV6-1211 PAIRUI-DNV6-1211 Datasheet
502Kb / 4P
   DC-DC Converter
More results

Similar Description - DNV6-1211F

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com