Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNV5W-2424 Datasheet(PDF) 4 Page - PAIRUI GROUP INC.

Part # DNV5W-2424
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DNV5W-2424 Datasheet(HTML) 4 Page - PAIRUI GROUP INC.

  DNV5W-2424 Datasheet HTML 1Page - PAIRUI GROUP INC. DNV5W-2424 Datasheet HTML 2Page - PAIRUI GROUP INC. DNV5W-2424 Datasheet HTML 3Page - PAIRUI GROUP INC. DNV5W-2424 Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.pairuigroup.com
Page: 4 / 4
Date: 07/21/2015
*Subject to change without notice
DC-DC Converter
DIP-Package
DNV-5W SERIES, 5WATT, 4:1 INPUT RANGE
NOTES
CAPACITOR SELECTION
INPUT VOLTAGE
C1
SINGLE OUTPUT
C2
DUAL OUTPUT
C2
24VDC
100μF
5VDC
1000μF
±5VDC
680μF
48VDC
47μF
9VDC
470μF
±9VDC
330μF
--
--
12VDC
330μF
±12VDC
220μF
--
--
15VDC
330μF
±15VDC
220μF
--
--
24VDC
220μF
±24VDC
100μF


Similar Part No. - DNV5W-2424

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DNV5W-1811 PAIRUI-DNV5W-1811 Datasheet
404Kb / 3P
   DC-DC Converter
DNV5W-1812 PAIRUI-DNV5W-1812 Datasheet
404Kb / 3P
   DC-DC Converter
DNV5W-1813 PAIRUI-DNV5W-1813 Datasheet
404Kb / 3P
   DC-DC Converter
DNV5W-1814 PAIRUI-DNV5W-1814 Datasheet
404Kb / 3P
   DC-DC Converter
DNV5W-1821 PAIRUI-DNV5W-1821 Datasheet
404Kb / 3P
   DC-DC Converter
More results

Similar Description - DNV5W-2424

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com