Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMV10-4812 Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # DMV10-4812
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DMV10-4812 Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  DMV10-4812 Datasheet HTML 1Page - PAIRUI GROUP INC. DMV10-4812 Datasheet HTML 2Page - PAIRUI GROUP INC. DMV10-4812 Datasheet HTML 3Page - PAIRUI GROUP INC. DMV10-4812 Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.pairuigroup.com
Page: 1 / 4
Date: 10/08/2015
* Subject to change without notice
DC-DC Converter
DIP-Package
DMV-10 SERIES, 10WATT, 2:1 INPUT RANGE
FEATURES:
1500Vdc isolation voltage
Six-side shielded metal case with low ripple and noise
High reliability, high efficiency
Operating temperature range -40
to +85
3 year warranty
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
DMV10-1211
12(9~18)
5
2000
80%
DMV10-1212
9
1111
82%
DMV10-1213
12
833
83%
DMV10-1214
15
667
83%
DMV10-1215
24
417
85%
DMV10-1221
±5
1000
81%
DMV10-1222
±9
555
82%
DMV10-1223
±12
417
83%
DMV10-1224
±15
333
84%
DMV10-1225
±24
208
84%
DMV10-2411
24(18~36)
5
2000
80%
DMV10-2412
9
1111
82%
DMV10-2413
12
833
83%
DMV10-2414
15
667
84%
DMV10-2415
24
417
86%
DMV10-2421
±5
1000
81%
DMV10-2422
±9
555
82%
DMV10-2423
±12
417
83%
DMV10-2424
±15
333
84%
DMV10-2425
±24
208
84%
DMV10-4811
48(36~72)
5
2000
81%
DMV10-4812
9
1111
82%
DMV10-4813
12
833
84%
DMV10-4814
15
667
84%
DMV10-4815
24
417
86%
DMV10-4821
±5
1000
81%
DMV10-4822
±9
555
82%
DMV10-4823
±12
417
83%
DMV10-4824
±15
333
84%
DMV10-4825
±24
208
84%
Notes:


Similar Part No. - DMV10-4812

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DMV10-4812 PAIRUI-DMV10-4812 Datasheet
519Kb / 4P
   DC-DC Conveter
More results

Similar Description - DMV10-4812

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com