Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMV25W-4811 Datasheet(PDF) 4 Page - PAIRUI GROUP INC.

Part # DMV25W-4811
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DMV25W-4811 Datasheet(HTML) 4 Page - PAIRUI GROUP INC.

  DMV25W-4811 Datasheet HTML 1Page - PAIRUI GROUP INC. DMV25W-4811 Datasheet HTML 2Page - PAIRUI GROUP INC. DMV25W-4811 Datasheet HTML 3Page - PAIRUI GROUP INC. DMV25W-4811 Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.pairuigroup.com
Page:
4 / 4
Date: 07/24/2015
*Subject to change without notice
DC-DC Converter
DIP-Package
DMV-25W SERIES, 25WATT, 4:1 INPUT RANGE
NOTES
RECOMMENDED TEST AND APPLICATION CIRCUIT
1. TVS&FUSE be helpful with over voltage protection and inrush limiting. Recommended FUSE better be 1.5~2times of
the rated current .
2. The input filter capacitor C6 could select the aluminum electrolytic capacitors or tantalum capacitors, and the
withstand voltage should be greater than the highest input voltage. Recommended capacitor should be between
22μF~100μF.
3. C1,C2 for the input filter capacitor,0.1~1μF high-frequency ceramics capacitor or chip capacitor are recommended.
The withstand voltage of output filter C5, C7 should be greater than the highest output voltage. Recommended
capacitor of C7 better within 100μF and C5 connected with the chip to reduce the input voltage peak, recommended
0.1~1μF high-frequency ceramics capacitor or chip capacitor.


Similar Part No. - DMV25W-4811

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DMV25-11011 PAIRUI-DMV25-11011 Datasheet
503Kb / 4P
   DC-DC Converter
DMV25-11012 PAIRUI-DMV25-11012 Datasheet
503Kb / 4P
   DC-DC Converter
DMV25-11013 PAIRUI-DMV25-11013 Datasheet
503Kb / 4P
   DC-DC Converter
DMV25-11014 PAIRUI-DMV25-11014 Datasheet
503Kb / 4P
   DC-DC Converter
DMV25-11015 PAIRUI-DMV25-11015 Datasheet
503Kb / 4P
   DC-DC Converter
More results

Similar Description - DMV25W-4811

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com