Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMV10W-4813 Datasheet(PDF) 2 Page - PAIRUI GROUP INC.

Part # DMV10W-4813
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DMV10W-4813 Datasheet(HTML) 2 Page - PAIRUI GROUP INC.

  DMV10W-4813 Datasheet HTML 1Page - PAIRUI GROUP INC. DMV10W-4813 Datasheet HTML 2Page - PAIRUI GROUP INC. DMV10W-4813 Datasheet HTML 3Page - PAIRUI GROUP INC. DMV10W-4813 Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.pairuigroup.com
Page: 2 / 4
Date: 10/08/2015
* Subject to change without notice
DC-DC Converter
DIP-Package
DMV-10W SERIES, 10WATT, 4:1 INPUT RANGE
ELECTRICAL
Isolation voltage
(<1mA/min)
Input to output
1500Vdc
Isolation resistance
500Vdc
1000MΩ
Temperature coefficient
---
±0.03%/
max.
Operating temperature range
---
-40
to +85
Storage temperature range
---
-55
℃ to +125
Short circuit protection
---
Continuous auto-recovery
CTRL*
Turn on
Hang or connect high level(2.5-50Vdc)
Turn off
Connect -Vin or low level(0-1.0Vdc)
Shut off input current
10mA typ.
Relative humidity
---
5%-95% max.
MTBF
Bellcore TR-332, 25
1000KHrs
Weight
---
15g
Notes: All the parameters are measured at 25
ambient temperature, humidity < 75%, nominal input voltage,
full load and after warm-up, unless otherwise specified.
MECHANICAL
CONNECTION
PIN #
SINGLE
DUAL
1
GND
GND
2
+Vin
+Vin
3
+Vo
+Vo
4
No Pin
0V
5
0V
-Vo
CONNECTION - "CTRL"
1
GND
GND
2
+Vin
+Vin
3
+Vo
+Vo
4
No Pin
0V
5
0V
-Vo
6
CTRL
CTRL
Note:
* Unit is mm(inch).


Similar Part No. - DMV10W-4813

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DMV10W-4813 PAIRUI-DMV10W-4813 Datasheet
520Kb / 4P
   DC-DC Converter
More results

Similar Description - DMV10W-4813

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com