Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMV30-1223 Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # DMV30-1223
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DMV30-1223 Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  DMV30-1223 Datasheet HTML 1Page - PAIRUI GROUP INC. DMV30-1223 Datasheet HTML 2Page - PAIRUI GROUP INC. DMV30-1223 Datasheet HTML 3Page - PAIRUI GROUP INC. DMV30-1223 Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.pairuigroup.com
Page:
1 / 4
Date: 11/18/2015
*Subject to change without notice
DC-DC Converter
DIP-Package
DMV-30 SERIES, 30WATT, 2:1 INPUT RANGE
FEATURES:
2 year warranty
Six-side shielded metal case
Low ripple and noise
Over current and short circuit protection
Remote on/off
Adjustable output voltage
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(A)
Efficiency
Typ.
DMV30-1215
12(9~18)
3.3
6
82%
DMV30-1211
5
6
82%
DMV30-1216
9
3.3
78%
DMV30-1212
12
2.5
87%
DMV30-1213
15
2
87%
DMV30-1214
24
1.25
87%
DMV30-1221
±5
3
82%
DMV30-1223
±9
1.65
78%
DMV30-1222
±12
1.25
87%
DMV30-1224
±15
1
78%
DMV30-1225
±24
0.625
78%
DMV30-2411
24(18~36)
5
6
82%
DMV30-2416
9
3.3
78%
DMV30-2412
12
2.5
87%
DMV30-2413
15
2
87%
DMV30-2414
24
1.25
87%
DMV30-2421
±5
3
82%
DMV30-2423
±9
1.65
78%
DMV30-2422
±12
1.25
87%
DMV30-2424
±15
1
78%
DMV30-2425
±24
0.625
78%
DMV30-4811
48(36~72)
5
6
82%
DMV30-4816
9
3.3
78%
DMV30-4812
12
2.5
87%
DMV30-4813
15
2
87%
DMV30-4814
24
1.25
87%
DMV30-4821
±5
3
82%
DMV30-4823
±9
1.65
78%
DMV30-4822
±12
1.25
87%
DMV30-4824
±15
1
78%
DMV30-4825
±24
0.625
78%


Similar Part No. - DMV30-1223

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DMV30W-2411 PAIRUI-DMV30W-2411 Datasheet
500Kb / 4P
   DC-DC Converter
DMV30W-2412 PAIRUI-DMV30W-2412 Datasheet
500Kb / 4P
   DC-DC Converter
DMV30W-2413 PAIRUI-DMV30W-2413 Datasheet
500Kb / 4P
   DC-DC Converter
DMV30W-2414 PAIRUI-DMV30W-2414 Datasheet
500Kb / 4P
   DC-DC Converter
DMV30W-2415 PAIRUI-DMV30W-2415 Datasheet
500Kb / 4P
   DC-DC Converter
More results

Similar Description - DMV30-1223

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com