Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMV78XX-1000 Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # DMV78XX-1000
Description  DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DMV78XX-1000 Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  DMV78XX-1000 Datasheet HTML 1Page - PAIRUI GROUP INC. DMV78XX-1000 Datasheet HTML 2Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.pairuigroup.com
Page: 1 / 2
Date:07/31/2014
DC-DC Converter
SIP-Package
DMV78xx-1000 SERIES, NON-ISOLATED, 3 PIN, SWITCHING REGULATORS
FEATURES:
Wide input voltage range
High efficiency up to 97%
Miniature SIP package
Low ripple & noise
Operating temperature range -40
to +85
3 year warranty
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
DMV7803-1000
4.75-28
3.3
1000
90%
DMV7805-1000
6.5-32
5
1000
93%
DMV7812-1000
15-32
12
1000
95%
Notes: other input and output models may available on request.
ELECTRICAL
Output voltage accuracy
Full load
±2.0% typ.
Line regulation
Nominal Load, full voltage
±0.4% typ.
Load regulation
20% ~ 100% full load
±0.2% typ.
Ripple and noise
20MHz BM, full load
≤50mVp-p typ.
Operating frequency
Typical value
350KHz typ.
Operating temperature range
---
-40
to +85
Storage temperature range
Humidity: 5%-95%, non-condensing
-55
to +120
Over temperature protection
---
150typ.
Short circuit protection
---
Auto-recovery
Relative humidity
---
10% - 90%
MTBF
Bellcore TR-332, 25
2000K Hrs
Weight
---
1.6g
Notes: All the parameters are measured at 25
ambient temperature, humidity < 75%, nominal input voltage,
full load and after warm-up, unless otherwise specified.


Similar Part No. - DMV78XX-1000

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DMV78XX-1000L PAIRUI-DMV78XX-1000L Datasheet
287Kb / 2P
   DC-DC Converter
More results

Similar Description - DMV78XX-1000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com