Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMV5W-2422 Datasheet(PDF) 2 Page - PAIRUI GROUP INC.

Part # DMV5W-2422
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DMV5W-2422 Datasheet(HTML) 2 Page - PAIRUI GROUP INC.

  DMV5W-2422 Datasheet HTML 1Page - PAIRUI GROUP INC. DMV5W-2422 Datasheet HTML 2Page - PAIRUI GROUP INC. DMV5W-2422 Datasheet HTML 3Page - PAIRUI GROUP INC. DMV5W-2422 Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.pairuigroup.com
Page: 2 / 4
Date: 07/21/2015
*Subject to change without notice
DC-DC Converter
DIP-Package
DMV-5W SERIES, 5WATT, 4:1 INPUT RANGE
ELECTRICAL
Output voltage accuracy
(Full voltage, full load)
+Vo
-Vo
±2% max.
±3% max.
Line regulation
Nominal Load, full voltage
±0.5% max.
Load regulation
20% ~ 100% full load
±1% max.
Ripple and noise
20MHz BM, full load
120mVp-p max.
Operating frequency
Typical value
300KHz typ.
Isolation voltage
(<1mA/min)
Input to output
1500Vdc
Isolation resistance
---
1000m
Temperature coefficient
---
±0.03%/
max.
Operating temperature range
---
-40
to +85
Storage temperature range
---
-55
to +125
Short circuit protection
---
Continuous, auto-recovery
Relative humidity
---
10%-90% max.
MTBF
Bellcore TR-332, 25
1000KHrs
Weight
---
12g
Notes: All the parameters are measured at 25
ambient temperature, humidity < 75%, nominal input voltage,
full load and after warm-up, unless otherwise specified.
MECHANICAL
CONNECTION
PIN #
SINGLE
DUAL
1
GND
GND
2
+Vin
+Vin
3
+Vo
+Vo1
4
No Pin
0V
5
0V
-Vo2
Note:
* Unit is mm(inch).


Similar Part No. - DMV5W-2422

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DMV5W-1811 PAIRUI-DMV5W-1811 Datasheet
399Kb / 3P
   DC-DC Converter
DMV5W-1812 PAIRUI-DMV5W-1812 Datasheet
399Kb / 3P
   DC-DC Converter
DMV5W-1813 PAIRUI-DMV5W-1813 Datasheet
399Kb / 3P
   DC-DC Converter
DMV5W-1814 PAIRUI-DMV5W-1814 Datasheet
399Kb / 3P
   DC-DC Converter
DMV5W-1815 PAIRUI-DMV5W-1815 Datasheet
399Kb / 3P
   DC-DC Converter
More results

Similar Description - DMV5W-2422

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com