Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE5005SM Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE5005SM
Description  Zener Diode, 300mW ±5% Tolerance
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE5005SM Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE5005SM thru NTE5031SM
Zener Diode, 300mW
±5% Tolerance
Features:
D Zener Voltage 3.3V to 24V
D SOT–23 Type Surface Mount Package
Absolute Maximum Ratings:
Maximim Repetitive Peak Forward Current, IFRM
250mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximim Repetitive Peak Working Current, IZRM
250mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Forward Voltage (IF = 10mA, TJ = +25°C), VF
900mV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (TA ≤ +25°C, Note 1), Ptot
350mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Junction Temperature, TJ
+175
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +175°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Characteristics: (TJ = P x (RthJT + RthSA) + TA)
Thermal Resistance
Junction–to–Tab, RthJT
50K/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Tab–to–Soldering Points, RthTS
280K/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Soldering Points–to–Ambient (Note 1), RthSA
90K/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Device mounted on a ceramic substrate of 8mm x 10mm x 0.7mm.
Electrical Characteristics: (TJ = +25°C, unless otherwise specified)
NTE
Type
No.
Nominal
Zener
Voltage
Vz @ Izt
Zener
Test
Current
Izt
Reverse
Current
IR @ VR
Typical
Differential
Resistance
rdiff @ Izt
Typical
Temperature
Coefficient
SZ @ Izt
Typical
Diode
Capacitance
Cd (Note 2)
V
mA
mV/K
pF
5005SM
3.3
5
5
µA
1V
85
–2.4
325
5006SM
3.6
5
5
µA
1V
85
–2.4
300
5007SM
3.9
5
3µA
1V
85
–2.5
300
5008SM
4.3
5
3µA
1V
80
–2.5
275
5010SM
5.1
5
2µA
2V
40
–0.8
235
5011SM
5.6
5
1µA
2V
15
1.2
225
5013SM
6.2
5
3µA
4V
10
0.4
185
5014SM
6.8
5
2µA
4V
15
1.2
155
5015SM
7.5
5
1µA
5V
6
4.0
95
5018SM
9.1
5
500nA
6V
6
5.5
70
5021SM
12.0
5
100nA
0.7VZnom
10
8.4
65
5024SM
15.0
5
50nA
0.7VZnom
10
11.4
55
5027SM
18.0
5
50nA
0.7VZnom
10
14.4
47
5031SM
24.0
5
50nA
0.7VZnom
25
20.4
33
Note 2. VR = 0, f = 1MHz.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn