Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCL30051 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCL30051
Description  PFC and Half-Bridge Resonant Combo Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30051 Datasheet(HTML) 3 Page - ON Semiconductor

  NCL30051_17 Datasheet HTML 1Page - ON Semiconductor NCL30051_17 Datasheet HTML 2Page - ON Semiconductor NCL30051_17 Datasheet HTML 3Page - ON Semiconductor NCL30051_17 Datasheet HTML 4Page - ON Semiconductor NCL30051_17 Datasheet HTML 5Page - ON Semiconductor NCL30051_17 Datasheet HTML 6Page - ON Semiconductor NCL30051_17 Datasheet HTML 7Page - ON Semiconductor NCL30051_17 Datasheet HTML 8Page - ON Semiconductor NCL30051_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCL30051
www.onsemi.com
3
Table 1. PIN FUNCTION DESCRIPTION
Pin
Name
Description
1
HV
This is the input of the high voltage startup regulator and connects directly to the bulk voltage. A constant cur-
rent source supplies current from this pin to the VCC capacitor, eliminating the need for an external startup res-
istor. The charge current is 7.5 mA (typical).
2
OSC
A capacitor on this pin adjusts the frequency of the internal oscillator. The oscillator sets the frequency of the
half−bridge controller. Each half−bridge switch operates at half the oscillator frequency. The OSC pin also
serves as a disable input for the half−bridge stage. The half−bridge stage is disabled by pulling down this pin
below its disable threshold, VHB(DIS), typically 1.955 V.
3
GND
Analog ground.
4
VREF
Reference voltage. The capacitor on this pin decouples the internal reference. A 0.1
mF capacitor needs to be
connected between this pin and ground.
5
PFB
PFC voltage feedback input. Connect to PFC output using a resistive divider network. The voltage on this pin is
compared to a 2.5 V reference (typical) to regulate the PFC output voltage. The voltage on this pin is also used
to detect PFC undervoltage and overvoltage conditions. In the typical intended application, the PFB pin voltage
will set an upper bound on the PFC output voltage, while the actual PFC voltage control will be exercised by a
control signal generated on the secondary side to provide accurate LED current/voltage control.
6
PCS
PFC regulator current sense input. A voltage ramp proportional to the PFC switch current is applied to this pin.
The current sense threshold, VPCS(ILIM), is typically 0.84 V. A 110 ns (typical) leading edge blanking circuit filters
the current sense signal at the start of each cycle.
7
PZCD
PFC inductor zero current detector. The inductor current is monitored using an auxiliary winding on the PFC
inductor. The PFC drive signal is enabled during a high to low transition on the PZCD pin. A series resistor limits
the current into the PZCD pin. The watchdog timer is disabled while the PZCD voltage is above the ZCD arming
threshold, VZCD(high). It is re−enabled once the voltage drops below the ZCD trigger threshold, VZCD(low). This
feature can be used to disable PFC drive pulses.
8
PControl
PFC control voltage. This pin connects to the output of the PFC error amplifier. The error amplifier is a transcon-
ductance amplifier. A compensation network between this pin and grounds sets the PFC loop bandwidth. The
PFC control voltage is compared to a level shifted version of VPCT to control the PFC duty ratio. In the typical
intended application, the PControl voltage will be controlled by a secondary side control signal through an opto-
coupler. The optocoupler signal is diode ORed to the internally generated PControl signal and the lower of the
two signals dictates the PFC on-time.
9
PCT
PFC on time control capacitor. A 270
mA (typical) current source charges a capacitor connected between this
pin and ground. Once the level shifted PCT voltage reaches VPControl, the PFC drive signal is disabled and the
PCT capacitor is discharged.
10
VCC
Positive input supply. This pin connects to an external capacitor for energy storage. An internal current source
supplies current from HV to this pin. Once the VCC voltage reaches VCC(on) (15.3 V typical), the current source
turns off and the controller is enabled. The current source turns on once VCC falls to VCC(off) (9.3 V typical).
During normal operation, power is supplied to the IC via this pin by means of an auxiliary winding.
11
PGND
Ground connection for PDRV and HDRVlo. Tie to the power stage return with a short trace.
12
PDRV
PFC switch gate drive control signal. The source and sink drive capability is limited to 60
W and 15 W (typical),
respectively. A discrete driver may be needed to drive the external MOSFET.
13
HDRVlo
Half−bridge low side switch gate drive control signal. The source and sink drive capability is limited to 75
W and
15
W (typical), respectively. A discrete driver may be needed to drive the half bridge switch.
14
HVS
Half−bridge high side driver source connection. This pin connects directly to the bridge terminal and can float up
to 600 V.
15
HDRVhi
Half−bridge high side switch gate drive control signal. The source and sink drive capability is limited to 75
W and
15
W (typical), respectively. The supply terminals of the high side driver connect to the HBoost and HVS pins. A
discrete driver may be needed to drive the half bridge switch.
16
HBoost
Supply voltage of the high side gate driver. A charge pump generates a bootstrap voltage floating on top of the
HVS voltage. A diode between the VCC and HBoost pins provides a charge path. The bootstrap voltage is VCC
minus a diode drop.


Similar Part No. - NCL30051_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30051DR2G ONSEMI-NCL30051DR2G Datasheet
185Kb / 16P
   PFC and Half-Bridge Resonant Combo Contro for LED Lighting
November, 2011 ??Rev. 0
More results

Similar Description - NCL30051_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30051 ONSEMI-NCL30051 Datasheet
185Kb / 16P
   PFC and Half-Bridge Resonant Combo Contro for LED Lighting
November, 2011 ??Rev. 0
logo
Monolithic Power System...
HR1000 MPS-HR1000 Datasheet
1,016Kb / 23P
   Resonant Half-Bridge Controller
logo
Infineon Technologies A...
ICE1HS01G INFINEON-ICE1HS01G Datasheet
844Kb / 18P
   Half-Bridge Resonant Controller
Version 2.0, 24 August 2009
logo
Monolithic Power System...
HR1000A MPS-HR1000A Datasheet
898Kb / 23P
   Resonant Half-Bridge Controller
logo
Infineon Technologies A...
ICE1HS01G-1 INFINEON-ICE1HS01G-1 Datasheet
1Mb / 19P
   Half-Bridge Resonant Controller
Version 2.0, 04 July 2011
ICL5102HV INFINEON-ICL5102HV Datasheet
1Mb / 34P
   ICL5102HV PFC Resonant Half-Bridge Controller for LED Drivers
V 1.2 2019-04-01
logo
Fairchild Semiconductor
FAN7621S FAIRCHILD-FAN7621S Datasheet
803Kb / 13P
   PFM Controller for Half-Bridge Resonant Converters
FAN7621B FAIRCHILD-FAN7621B Datasheet
1,021Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
logo
ON Semiconductor
FAN7621 ONSEMI-FAN7621 Datasheet
713Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.3
logo
Fairchild Semiconductor
FAN7621 FAIRCHILD-FAN7621 Datasheet
1Mb / 17P
   PFM Controller for Half-Bridge Resonant Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com