Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLS1700XS Datasheet(PDF) 2 Page - ON Semiconductor

Part # FLS1700XS
Description  Half-Bridge LLC Resonant Control IC for Lighting
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FLS1700XS Datasheet(HTML) 2 Page - ON Semiconductor

  FLS1700XS Datasheet HTML 1Page - ON Semiconductor FLS1700XS Datasheet HTML 2Page - ON Semiconductor FLS1700XS Datasheet HTML 3Page - ON Semiconductor FLS1700XS Datasheet HTML 4Page - ON Semiconductor FLS1700XS Datasheet HTML 5Page - ON Semiconductor FLS1700XS Datasheet HTML 6Page - ON Semiconductor FLS1700XS Datasheet HTML 7Page - ON Semiconductor FLS1700XS Datasheet HTML 8Page - ON Semiconductor FLS1700XS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
December 2010
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FLS-XS Series • Rev.1.0.0
FLS-XS Series — Half-Bridge LLC Resonant
Control IC for Lighting
Features
Variable Frequency Control with 50% Duty Cycle
for Half-Bridge Resonant Converter Topology
High Efficiency through Zero Voltage Switching (ZVS)
Internal UniFET™ with Fast-Recovery Body Diode
Fixed Dead Time (350ns) Optimized for MOSFETs
Up to 300kHz Operating Frequency
Auto-Restart Operation for All Protections with
External LVCC
Protection Functions: Over-Voltage Protection (OVP),
Over-Current Protection (OCP), Abnormal Over-
Current Protection (AOCP), Internal Thermal
Shutdown (TSD)
Applications
General LED Lighting Power
Industrial, Commercial, and Residential LED
Lighting Fixtures
Outdoor Lighting: Street, Roadway, Parking,
Construction and Ornamental LED Lighting Fixtures
Description
The FLS-XS series of general lighting power controllers
includes highly integrated power switches for medium- to
high-power lumens applications. Offering everything
necessary to build a reliable and robust half-bridge
resonant converter, the FLS-XS series simplifies designs
and improves productivity, while improving performance.
The FLS-XS series combines power MOSFETs with fast-
recovery type body diodes, a high-side gate-drive circuit,
an accurate current controlled oscillator, frequency limit
circuit, soft-start, and built-in protection functions. The
high-side gate-drive circuit has common-mode noise
cancellation
capability,
which
guarantees
stable
operation with excellent noise immunity. The fast-
recovery body diode of the MOSFETs improves reliability
against abnormal operation conditions, while minimizing
the effect of reverse recovery. Using zero voltage
switching (ZVS) dramatically reduces the switching
losses and significantly improves efficiency. ZVS also
reduces switching noise noticeably, which allows a small-
sized Electromagnetic Interference (EMI) filter.
The FLS-XS series can be applied to resonant converter
topologies such as series resonant, parallel resonant,
and LLC resonant converters.
Ordering Information
Part Number
Package
Operating
Junction
Temperature
RDS(ON_MAX)
Maximum Output Power
without Heatsink
(VIN=350~400V)
(1,2)
Maximum Output
Power with Heatsink
(VIN=350~400V)
(1,2)
FLS2100XS
9-SIP
-40 to +130°C
0.51
Ω
180W
400W
FLS1800XS
0.95
Ω
120W
260W
FLS1700XS
1.25
Ω
100W
200W
FLS1600XS
1.55
Ω
80W
160W
Notes:
1.
The junction temperature can limit the maximum output power.
2.
Maximum practical continuous power in an open-frame design at 50
°C ambient.


Similar Part No. - FLS1700XS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FLS1700XS FAIRCHILD-FLS1700XS Datasheet
562Kb / 13P
   FLS-XS Series ??Half-Bridge LLC Resonant Control IC for Lighting
More results

Similar Description - FLS1700XS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FLS1600XS FAIRCHILD-FLS1600XS Datasheet
562Kb / 13P
   FLS-XS Series ??Half-Bridge LLC Resonant Control IC for Lighting
logo
MPS Industries, Inc.
P6503 MPSIND-P6503 Datasheet
462Kb / 1P
   HALF BRIDGE LLC RESONANT TRANSFORMER
logo
Fairchild Semiconductor
AN-4151 FAIRCHILD-AN-4151 Datasheet
1Mb / 17P
   Half-bridge LLC Resonant Converter
logo
MPS Industries, Inc.
P6504 MPSIND-P6504 Datasheet
463Kb / 1P
   HALF BRIDGE LLC RESONANT TRANSFORMER
logo
International Rectifier
IRS27951S IRF-IRS27951S_15 Datasheet
550Kb / 28P
   RESONANT HALF-BRIDGE CONVERTER CONTROL IC
logo
STMicroelectronics
AN2450 STMICROELECTRONICS-AN2450 Datasheet
752Kb / 35P
   LLC resonant half-bridge converter design guideline
logo
Fairchild Semiconductor
AN-9730 FAIRCHILD-AN-9730 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 160W Street Lighting
AN-9729 FAIRCHILD-AN-9729 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 100W Street Lighting
logo
Texas Instruments
UCC25710 TI1-UCC25710 Datasheet
1Mb / 34P
[Old version datasheet]   LLC Half-Bridge Controller For Multi-String LED Lighting
UCC25710 TI-UCC25710_15 Datasheet
1Mb / 34P
[Old version datasheet]   LLC Half-Bridge Controller For Multi-String LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com