Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLS1800XS Datasheet(PDF) 10 Page - ON Semiconductor

Part # FLS1800XS
Description  Half-Bridge LLC Resonant Control IC for Lighting
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FLS1800XS Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FLS1800XS Datasheet HTML 6Page - ON Semiconductor FLS1800XS Datasheet HTML 7Page - ON Semiconductor FLS1800XS Datasheet HTML 8Page - ON Semiconductor FLS1800XS Datasheet HTML 9Page - ON Semiconductor FLS1800XS Datasheet HTML 10Page - ON Semiconductor FLS1800XS Datasheet HTML 11Page - ON Semiconductor FLS1800XS Datasheet HTML 12Page - ON Semiconductor FLS1800XS Datasheet HTML 13Page - ON Semiconductor FLS1800XS Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FLS-XS Series • Rev.1.0.0
9
Functional Description
1. Basic Operation
. FLS-XS series is designed to drive
high-side and low-side MOSFETs complementarily with
50% duty cycle. A fixed dead time of 350ns is introduced
between consecutive transitions, as shown in Figure 15.
Figure 15. MOSFETs Gate Drive Signal
2. Internal Oscillator
: FLS-XS series employs a current-
controlled oscillator, as shown in Figure 16. Internally,
the voltage of the RT pin is regulated at 2V and the
charging / discharging current for the oscillator capacitor,
CT, is obtained by copying the current flowing out of the
RT pin (ICTC) using a current mirror. Therefore, the
switching frequency increases as ICTC increases.
Figure 16. Current-Controlled Oscillator
3. Frequency Setting
: Figure 17 shows the typical
voltage gain curve of a resonant converter, where the
gain is inversely proportional to the switching frequency
in the ZVS region. The output voltage can be regulated
by modulating the switching frequency. Figure 18 shows
the typical circuit configuration for the RT pin, where the
opto-coupler transistor is connected to the RT pin to
modulate the switching frequency.
The minimum switching frequency is determined as:
min
min
5.2
100(
)
k
f
kHz
R
Ω
=
×
(1)
Assuming
the
saturation
voltage
of
opto-coupler
transistor is 0.2V, the maximum switching frequency is
determined as:
max
min
max
5.2
4.68
() 100 (
)
kk
fkHz
RR
ΩΩ
=
+
×
(2)
Figure 17. Resonant Converter Typical Gain Curve
Figure 18. Frequency Control Circuit
To prevent excessive inrush current and overshoot of
output voltage during startup, increase the voltage gain
of the resonant converter progressively. Since the
voltage gain of the resonant converter is inversely
proportional to the switching frequency, the soft-start is
implemented by sweeping down the switching frequency
from an initial high frequency (f
IS S ) until the output
voltage is established. The soft-start circuit is made by
connecting R-C series network on the RT pin, as shown
in Figure 18. FLS-XS series also has a 3ms internal soft-
start to reduce the current overshoot during the initial
cycles, which adds 40kHz to the initial frequency of the
external soft-start circuit, as shown in Figure 19. The
initial frequency of the soft-start is given as:
min
5.2
5.2
(
) 100 40 (
)
ISS
SS
kk
f
kHz
RR
Ω
Ω
=
+
×
+
(3)


Similar Part No. - FLS1800XS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FLS1800XS FAIRCHILD-FLS1800XS Datasheet
562Kb / 13P
   FLS-XS Series ??Half-Bridge LLC Resonant Control IC for Lighting
More results

Similar Description - FLS1800XS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FLS1600XS FAIRCHILD-FLS1600XS Datasheet
562Kb / 13P
   FLS-XS Series ??Half-Bridge LLC Resonant Control IC for Lighting
logo
MPS Industries, Inc.
P6503 MPSIND-P6503 Datasheet
462Kb / 1P
   HALF BRIDGE LLC RESONANT TRANSFORMER
logo
Fairchild Semiconductor
AN-4151 FAIRCHILD-AN-4151 Datasheet
1Mb / 17P
   Half-bridge LLC Resonant Converter
logo
MPS Industries, Inc.
P6504 MPSIND-P6504 Datasheet
463Kb / 1P
   HALF BRIDGE LLC RESONANT TRANSFORMER
logo
International Rectifier
IRS27951S IRF-IRS27951S_15 Datasheet
550Kb / 28P
   RESONANT HALF-BRIDGE CONVERTER CONTROL IC
logo
STMicroelectronics
AN2450 STMICROELECTRONICS-AN2450 Datasheet
752Kb / 35P
   LLC resonant half-bridge converter design guideline
logo
Fairchild Semiconductor
AN-9730 FAIRCHILD-AN-9730 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 160W Street Lighting
AN-9729 FAIRCHILD-AN-9729 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 100W Street Lighting
logo
Texas Instruments
UCC25710 TI1-UCC25710 Datasheet
1Mb / 34P
[Old version datasheet]   LLC Half-Bridge Controller For Multi-String LED Lighting
UCC25710 TI-UCC25710_15 Datasheet
1Mb / 34P
[Old version datasheet]   LLC Half-Bridge Controller For Multi-String LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com