Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL7930BMX Datasheet(PDF) 4 Page - ON Semiconductor

Part # FL7930BMX
Description  Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FL7930BMX Datasheet(HTML) 4 Page - ON Semiconductor

  FL7930BMX Datasheet HTML 1Page - ON Semiconductor FL7930BMX Datasheet HTML 2Page - ON Semiconductor FL7930BMX Datasheet HTML 3Page - ON Semiconductor FL7930BMX Datasheet HTML 4Page - ON Semiconductor FL7930BMX Datasheet HTML 5Page - ON Semiconductor FL7930BMX Datasheet HTML 6Page - ON Semiconductor FL7930BMX Datasheet HTML 7Page - ON Semiconductor FL7930BMX Datasheet HTML 8Page - ON Semiconductor FL7930BMX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FL7930B
• Rev. 1.0.4
3
Internal Block Diagram
VCC
ZCD
VTH(ZCD)
VCC
OUT
+
-
S
Q
R
Q
+
-
INV 1
5
COMP 3
Clamp
Circuit
+
-
VCS_LIM
40k
W
8pF
4
CS
0.45
0.35
disable
2.675
2.5
disable
+
-
VZ
+
-
VTH(S/S)
12
8.5
VO(MAX)
VCC
2.5VREF
Internal
Bias
VBIAS
VREF
Gate
Driver
Restart
Tmer
7
8
6
GND
+
-
INV_open
OVP
OVP 2
reset
reset
H:open
Thermal
Shutdown
fMAX
Limit
VREF
Overshoot-less
Control
VREF
Stair
Step
THD
Optimized
Sawtooth
Generator
VIN Absent
VCC
2.88
2.5
disable
+
-
VOVP,LH
VREF
Control Range
Compensation
Figure 3.
Functional Block Diagram


Similar Part No. - FL7930BMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL7930BMX FAIRCHILD-FL7930BMX Datasheet
1Mb / 20P
   Single-Stage Flyback and Boundary-Mode PFC
More results

Similar Description - FL7930BMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL6961 FAIRCHILD-FL6961 Datasheet
493Kb / 11P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
logo
ON Semiconductor
FL7930C ONSEMI-FL7930C Datasheet
2Mb / 22P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
August-2017 Rev 2
FL6961 ONSEMI-FL6961 Datasheet
456Kb / 13P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
January 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FL7930 FAIRCHILD-FL7930 Datasheet
1Mb / 20P
   Single-Stage Flyback and Boundary-Mode PFC
logo
Infineon Technologies A...
ICL8001G INFINEON-ICL8001G Datasheet
620Kb / 16P
   Single-Stage Flyback And PFC Controller For LED Lighting Applications
Version 1.0, May 6, 2010
logo
Silergy Corp.
SY5802 SILERGY-SY5802 Datasheet
210Kb / 8P
   Single Stage Flyback And PFC Controller
logo
Princeton Technology Co...
RS2335 PTC-RS2335 Datasheet
145Kb / 4P
   PSR and Single Stage PFC Controller for LED Lighting
logo
Monolithic Power System...
MP44010 MPS-MP44010 Datasheet
416Kb / 14P
   Boundary Mode PFC Controller
MP44014 MPS-MP44014 Datasheet
383Kb / 12P
   Boundary Mode PFC Controller
logo
Fairchild Semiconductor
FAN6961 FAIRCHILD-FAN6961 Datasheet
663Kb / 13P
   Boundary Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com