Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL7740 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FL7740
Description  Constant-Voltage Primary-Side-Regulation PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FL7740 Datasheet(HTML) 5 Page - ON Semiconductor

  FL7740 Datasheet HTML 1Page - ON Semiconductor FL7740 Datasheet HTML 2Page - ON Semiconductor FL7740 Datasheet HTML 3Page - ON Semiconductor FL7740 Datasheet HTML 4Page - ON Semiconductor FL7740 Datasheet HTML 5Page - ON Semiconductor FL7740 Datasheet HTML 6Page - ON Semiconductor FL7740 Datasheet HTML 7Page - ON Semiconductor FL7740 Datasheet HTML 8Page - ON Semiconductor FL7740 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
FL7740
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS
VDD = 18 V and TJ = -40 ~ 125°C unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
VDD Section
Turn-On Threshold Voltage
VDD-ON
14.5
16.0
17.5
V
Turn-Off Threshold Voltage
VDD-OFF
6.75
7.75
8.75
V
Operating Current
CLOAD = 1 nF, VDD = 18V
IDD-OP
3
5
6.5
mA
Operating Current during Auto Restart
IDD-AR
0.3
1
mA
VDD Over-Voltage-Protection
VDD-OVP
24
25
26
V
VBIAS Voltage
VBIAS
4.85
5.00
5.15
V
GATE Section
Output Voltage Low
VOL
0.2
V
Output Voltage High
VDD = 18 V
VOH
17.8
V
Peak Sourcing Current
Design guaranteed
CLOAD = 1 nF, VDD = 20 V
CLOAD = 1 nF, VDD = 23 V
Isource
180
210
mA
Peak Sinking Current
Design guaranteed
CLOAD = 1 nF, VDD = 20 V
CLOAD = 1 nF, VDD = 23 V
Isink
385
435
mA
Rising Time
CLOAD = 1 nF
tr
110
150
190
ns
Falling Time
CLOAD = 1 nF
tf
40
60
80
ns
HV Section
Supply Current From HV Pin
VHV = 560 V, VDD = 0 V
IHV
3
9
mA
Leakage Current after Startup
IHV-LC
1
10
μA
JFET Regulation Time at Startup
Design guaranteed
tR-JFET
400
500
600
ms
VDD High Limit during JFET Regulation
VDD-JFET-HL
17.5
19.0
20.5
V
VDD Low Limit during JFET Regulation
VDD-JFET-LL
15.5
17.0
18.5
V
PWM Section
Min. Turn-on Time Min. Limit
Design guaranteed
TON-MIN-MIN
0.40
μs
Min. Turn-on Time Max. Limit
Design guaranteed
TON-MIN-MAX
2.0
μs
Max. Turn-on Time
Design guaranteed
TON-MAX
23.3
μs
Oscillator Section
Max. Frequency
fMAX
60
65
70
kHz
Min. Frequency
fMIN
0.72
0.80
0.88
kHz
Current Sense Section
Leading-Edge Blanking Time
Design guaranteed
tLEB
300
ns
Propagation Delay to GATE
Design guaranteed
tPD
50
100
150
ns
Voltage Sense Section
tDIS Blanking Time at VS Sampling
Design guaranteed
tDIS-BNK
0.95
1.00
1.05
μs
VS Clamping Voltage
IVS=1 mA
IVS=10 µA
VVS-CLAMP
-0.1
0.35
V
Feedback Section
Reference voltage
VREF
3.465
3.5
3.535
V


Similar Part No. - FL7740

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
FL7740MX ONSEMI-FL7740MX Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
More results

Similar Description - FL7740

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
logo
Texas Instruments
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
   Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com