Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL7734MX Datasheet(PDF) 11 Page - ON Semiconductor

Part # FL7734MX
Description  Single-Stage Primary-Side-Regulation PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FL7734MX Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FL7734MX Datasheet HTML 6Page - ON Semiconductor FL7734MX Datasheet HTML 7Page - ON Semiconductor FL7734MX Datasheet HTML 8Page - ON Semiconductor FL7734MX Datasheet HTML 9Page - ON Semiconductor FL7734MX Datasheet HTML 10Page - ON Semiconductor FL7734MX Datasheet HTML 11Page - ON Semiconductor FL7734MX Datasheet HTML 12Page - ON Semiconductor FL7734MX Datasheet HTML 13Page - ON Semiconductor FL7734MX Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© 2014 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FL7734
• Rev. 1.0
10
As a function of dimming reference modulation shown in
Figure 18, output current is constantly regulated with
constant VREF when VDIM is higher than 3 V and VREF is
set lower than VEAI (TRUECURRENT
®
calculation
result) when VDIM is lower than 2.25 V. Once VDIM is less
than 2.25 V, the error amplifier always pulls down
current in the output and FB voltage is clamped by MOD
voltage so that open loop control starts for stable LED
current control at low phase angle range.
IDIM
VVIN-DIM
(3 V)
Input
Voltage
VIN
RVIN1
RVIN2
VDIM-CLAMP
(3.25 V)
CDIM
RDIM1
DIM
RDIM2
MOD
FB
CFB
Dimming
Reference
Modulation
VEAI
Error
Amp.
VREF
Figure 18.
Dimming Control
High dimmer compatibility is implemented by bleeding
current generated through BLD to RBLD and having the
switching mode management by TCIC.
PFC and THD
In
a
conventional
boost
converter,
Boundary
Conduction Mode (BCM) is generally used to keep
input current in phase with input voltage for Power
Factor (PF) and Total Harmonic Distortion (THD).
However, BCM switching distorts input current in the
single stage flyback / buck boost converter because
power inductor current is not the same as input
current. Moreover, it becomes more difficult to meet
PF and THD once passive bleeder (resistor and
capacitor in the driver input) is added for successful
firing in the single stage TRIAC dimming system.
IIN
IIN_AVG
GATE
Constant Frequency
Figure 19.
PFC Control in DCM
In order to optimize PF and THD in the single stage
flyback topology, constant turn-on time and constant
frequency in Discontinuous Conduction Mode (DCM)
are the best method to make the input current
proportional to the input voltage as shown in Figure 19.
FL7734 basically adopts the DCM operation with
constant turn-on and frequency in a half line cycle.
Once dimmer absence is detected during startup
sequence, FL7734 selects voltage mode in which
constant turn-on time is maintained by an internal error
amplifier and a large external capacitor (typically
>1 µF) at the FB pin. Constant frequency and DCM
operation are managed by linear frequency control.
Linear Frequency Control
DCM should be guaranteed for high power factor in
flyback topology. To maintain DCM in the wide range of
output voltage, frequency is linearly adjusted by output
voltage in linear frequency control. Output voltage is
detected by auxiliary winding and resistive divider
connected to the VS pin, as shown in Figure 20. When
output voltage decreases, secondary diode conduction
time is increased and the linear frequency control
lengthens
switching
period,
which
retains
DCM
operation in the wide output voltage range. The
frequency control lowers primary rms current for better
power efficiency in full-load condition.
OSC
Linear Frequency
Controller
VVS
freq.
VOUT
VS
tDIS
Detector
DCM
BCM
Figure 20.
Linear Frequency Control
BCM Control
The end of secondary diode conduction time (tDIS) can
be over a switching period set by linear frequency
control. In this case, FL7734 doesn
’t allow CCM and
operation mode changes from DCM to BCM. Therefore,
magnetizing inductance can be largely designed to add
BCM for better efficiency if PF and THD meet
specification with enough margin.


Similar Part No. - FL7734MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL7730 FAIRCHILD-FL7730 Datasheet
2Mb / 8P
   New Products, Tips and Tools for Power and Mobile Applications
logo
ON Semiconductor
FL7730 ONSEMI-FL7730 Datasheet
896Kb / 15P
   Single-Stage Primary-Side-Regulation PWM Controller
October 2012 Rev. 1.0.8
logo
Fairchild Semiconductor
FL7730MY FAIRCHILD-FL7730MY Datasheet
1,009Kb / 13P
   Single-Stage Primary-Side-Regulation PWM Controller for PFC and LED Dimmable Driving
logo
ON Semiconductor
FL7730MY ONSEMI-FL7730MY Datasheet
896Kb / 15P
   Single-Stage Primary-Side-Regulation PWM Controller
October 2012 Rev. 1.0.8
logo
Fairchild Semiconductor
FL7732 FAIRCHILD-FL7732 Datasheet
2Mb / 8P
   New Products, Tips and Tools for Power and Mobile Applications
More results

Similar Description - FL7734MX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FL6630 ONSEMI-FL6630 Datasheet
453Kb / 14P
   Single-Stage Primary-Side-Regulation PWM Controller
May 2015 Rev. 1.0
FL7730 ONSEMI-FL7730 Datasheet
896Kb / 15P
   Single-Stage Primary-Side-Regulation PWM Controller
October 2012 Rev. 1.0.8
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
FAN103 FAIRCHILD-FAN103_10 Datasheet
667Kb / 16P
   Primary-Side-Regulation PWM Controller (PWM-PSR)
FL7730MY FAIRCHILD-FL7730MY Datasheet
1,009Kb / 13P
   Single-Stage Primary-Side-Regulation PWM Controller for PFC and LED Dimmable Driving
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
FL7740 ONSEMI-FL7740_18 Datasheet
344Kb / 14P
   Constant-Voltage Primary-Side-Regulation PWM Controller
February 2018 - Rev. 3
logo
Fairchild Semiconductor
FL7732 FAIRCHILD-FL7732 Datasheet
1Mb / 13P
   Single-Stage PFC Primary-Side-Regulation Offline
logo
BCD Semiconductor Manuf...
AP1682 BCDSEMI-AP1682 Datasheet
374Kb / 11P
   Single Stage Primary Side Regulation PFC Controller For LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com