Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL7730MY Datasheet(PDF) 8 Page - ON Semiconductor

Part # FL7730MY
Description  Single-Stage Primary-Side-Regulation PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FL7730MY Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FL7730MY Datasheet HTML 4Page - ON Semiconductor FL7730MY Datasheet HTML 5Page - ON Semiconductor FL7730MY Datasheet HTML 6Page - ON Semiconductor FL7730MY Datasheet HTML 7Page - ON Semiconductor FL7730MY Datasheet HTML 8Page - ON Semiconductor FL7730MY Datasheet HTML 9Page - ON Semiconductor FL7730MY Datasheet HTML 10Page - ON Semiconductor FL7730MY Datasheet HTML 11Page - ON Semiconductor FL7730MY Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FL7730 • Rev. 1.0.8
7
Typical Performance Characteristics
0.5
0.7
0.9
1.1
1.3
1.5
-40
-30
-15
0
25
50
75
85
100
125
Temp [°C]
0.5
0.7
0.9
1.1
1.3
1.5
-40
-30
-15
0
25
50
75
85
100
125
Temp [°C]
Figure 5.
VDD-ON vs. Temperature
Figure 6.
VDD-OFF vs. Temperature
0.5
0.7
0.9
1.1
1.3
1.5
-40
-30
-15
0
25
50
75
85
100
125
Temp [°C]
0.5
0.7
0.9
1.1
1.3
1.5
-40
-30
-15
0
25
50
75
85
100
125
Temp [°C]
Figure 7.
IDD-OP vs. Temperature
Figure 8.
VOVP vs. Temperature
0.5
0.7
0.9
1.1
1.3
1.5
-40
-30
-15
0
25
50
75
85
100
125
Temp [°C]
0.5
0.7
0.9
1.1
1.3
1.5
-40
-30
-15
0
25
50
75
85
100
125
Temp [°C]
Figure 9.
fMAX-CC vs. Temperature
Figure 10.
fMIN-CC vs. Temperature


Similar Part No. - FL7730MY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL7730MY FAIRCHILD-FL7730MY Datasheet
1,009Kb / 13P
   Single-Stage Primary-Side-Regulation PWM Controller for PFC and LED Dimmable Driving
More results

Similar Description - FL7730MY

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FL6630 ONSEMI-FL6630 Datasheet
453Kb / 14P
   Single-Stage Primary-Side-Regulation PWM Controller
May 2015 Rev. 1.0
FL7734 ONSEMI-FL7734 Datasheet
380Kb / 14P
   Single-Stage Primary-Side-Regulation PWM Controller
November 2014 Rev. 1.0
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
FAN103 FAIRCHILD-FAN103_10 Datasheet
667Kb / 16P
   Primary-Side-Regulation PWM Controller (PWM-PSR)
FL7730MY FAIRCHILD-FL7730MY Datasheet
1,009Kb / 13P
   Single-Stage Primary-Side-Regulation PWM Controller for PFC and LED Dimmable Driving
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
FL7740 ONSEMI-FL7740_18 Datasheet
344Kb / 14P
   Constant-Voltage Primary-Side-Regulation PWM Controller
February 2018 - Rev. 3
logo
Fairchild Semiconductor
FL7732 FAIRCHILD-FL7732 Datasheet
1Mb / 13P
   Single-Stage PFC Primary-Side-Regulation Offline
logo
BCD Semiconductor Manuf...
AP1682 BCDSEMI-AP1682 Datasheet
374Kb / 11P
   Single Stage Primary Side Regulation PFC Controller For LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com