Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAN222 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # DAN222
Description  Surface Mount Fast Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

DAN222 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  DAN222 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited DAN222 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited DAN222 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Surface Mount Fast Switching Diode
DAN222
H003
www.gmesemi.com
Rev.A
1
FEATURES
Ultra-Small surface mount package.
Fast switching speed.
For general purpose switching
applications.
Low conductance.
APPLICATIONS
General purpose switching application.
SOT-523
ORDERING INFORMATION
Type No.
Marking
Package Code
DAN222
N
SOT-523
MAXIMUM RATING @ Ta=25
℃ unless otherwise specified
Symbol
Parameter
Value
Units
VR
DC reverse voltage
80
V
VRM
Peak reverse voltage
80
V
IF
Forward continuous voltage
100
mA
IFM
Peak forward current (max.)
300
mA
IFSM
Non-repetitive peak forward surge current
@t=1.0
μs
2.0
A
Pd
Power dissipation
150
mW
RθJA
Thermal resistance junction to ambient
833
℃/W
Tj,Tstg
Junction and Storage Temperature
-55 to +150
ELECTRICAL CHARACTERISTICS @ Ta=25
℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR)R
IR=100
μA
80
V
Leakage current
IR
VR=70V
0.1
μA
Forward voltage
VF
IF=100mA
1.2
V
Diode capacitance
CD
VR=6.0V,f=1MHz
3.5
pF
Reverse recovery Time
trr
IF=IR=5.0mA,Irr=0.1*IR,RL=100
VR=6.0V
4.0
ns
Pb
Lead-free


Similar Part No. - DAN222

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DAN222 MOTOROLA-DAN222 Datasheet
90Kb / 6P
   SOT-416/SC-90 PACKAGE COMMON CATHODE DUAL SWITCHING DIODE SURFACE MOUNT
logo
Guangdong Kexin Industr...
DAN222 KEXIN-DAN222 Datasheet
812Kb / 2P
   Switching Diodes
logo
ON Semiconductor
DAN222 ONSEMI-DAN222 Datasheet
92Kb / 8P
   COMMON CATHODE SILICON DUAL SWITCHING DIODE
March, 2000 ??Rev. 2
logo
Jiangsu Changjiang Elec...
DAN222 JIANGSU-DAN222 Datasheet
2Mb / 4P
   SWITCHING DIODE
logo
Diodes Incorporated
DAN222 DIODES-DAN222 Datasheet
63Kb / 4P
   Ultra high speed switching
More results

Similar Description - DAN222

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com