Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE5000A Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE5000A
Description  Zener Diode, 1/2 Watt ±5% Tolerance
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE5000A Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE5000A thru NTE5060A
Zener Diode, 1/2 Watt
±5% Tolerance
Features:
D Zener Voltage 2.4 to 200V
D DO35 Package
Maximum Ratings:
Operating Junction Temperature Range, Topr
–65
° to +200°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +200°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Power Dissipation, PD
500mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 75
°C
4.0mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Forward Voltage (IF = 200mA), VF
1.1V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TC = +25°C, unless otherwise specified)
Nominal
Zener
Maximum Dynamic
Impedance
Typical
Temperature
Maximum
NTE Type
Number
Zener Voltage
Vz @ Izt
(Note 1)
Test
Current
(Izt)
Zzt @ Izt
Zzk @
0.25mA (Izk)
Coefficient
(Note 2)
α
vz
Leakage
Current
IR @ VR
Volts
mA
Ohms
Ohms
%/
°C
µA
Volts
NTE5000A
2.4
20
30
1200
–0.085
100
1.0
NTE5001A
2.5
20
30
1250
–0.085
100
1.0
NTE5002A
2.7
20
30
1300
–0.080
75
1.0
NTE5003A
2.8
20
30
1400
–0.080
75
1.0
NTE5004A
3.0
20
29
1600
–0.075
50
1.0
NTE5005A
3.3
20
28
1600
–0.070
25
1.0
NTE5006A
3.6
20
24
1700
–0.065
15
1.0
NTE5007A
3.9
20
23
1900
–0.060
10
1.0
NTE5008A
4.3
20
22
2000
±0.055
5
1.0
NTE5009A
4.7
20
19
1900
±0.030
5
2.0
NTE5010A
5.1
20
17
1600
±0.030
5
2.0
NTE5011A
5.6
20
11
1600
+0.038
5
3.0


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn