Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE5000A Datasheet(PDF) 3 Page - NTE Electronics

Part No. NTE5000A
Description  Zener Diode, 1/2 Watt ±5% Tolerance
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE5000A Datasheet(HTML) 3 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Electrical Characteristics (Cont’d): (TC = +25°C, unless otherwise specified)
Nominal
Zener
Maximum Dynamic
Impedance
Typical
Temperature
Maximum
NTE Type
Number
Zener Voltage
Vz @ Izt
(Note 1)
Test
Current
(Izt)
Zzt @ Izt
Zzk @
0.25mA (Izk)
Coefficient
(Note 2)
α
vz
Leakage
Current
IR @ VR
Volts
mA
Ohms
Ohms
%/
°C
µA
Volts
NTE5041A
51
2.5
125
1100
0.096
0.1
39
NTE5042A
56
2.2
150
1300
0.096
0.1
43
NTE5043A
60
2.1
170
1400
0.097
0.1
46
NTE5044A
62
2.0
185
1400
0.097
0.1
47
NTE5045A
68
1.8
230
1600
0.097
0.1
52
NTE5046A
75
1.7
270
1700
0.098
0.1
56
NTE5047A
82
1.5
330
2000
0.098
0.1
62
NTE5048A
87
1.4
370
2200
0.099
0.1
68
NTE5049A
91
1.4
400
2300
0.099
0.1
69
NTE5050A
100
1.3
500
2600
0.110
0.1
76
NTE5051A
110
1.1
750
3000
0.110
0.1
84
NTE5052A
120
1.0
900
4000
0.110
0.1
91
NTE5053A
130
0.95
1100
4500
0.110
0.1
00
NTE5054A
140
0.90
1300
4500
0.110
0.1
106
NTE5055A
150
0.85
1500
5000
0.110
0.1
114
NTE5056A
160
0.80
1700
5500
0.110
0.1
122
NTE5057A
170
0.74
1900
5500
0.110
0.1
129
NTE5058A
180
0.68
2200
6000
0.110
0.1
137
NTE5059A
190
0.66
2400
6500
0.110
0.1
144
NTE5060A
200
0.65
2500
7000
0.110
0.1
152
Note 1. The electrical characteristics are measured after allowing the device to stabilize for 90 seconds
with +30
°C lead temperature.
Note 2. Test conditions for temperature coefficient are as follows:
a.Izt = 7.5mA, T1 = +25°C, T2 = +125°C (NTE5000A thru NTE5021A)
b.Izt = Rated Izt, T1 = +25°C, T2 = +125°C (NTE5022A thru NTE5060A)
Device to be temperature stabilized with current applied prior to reading breakdown voltage
at the specified ambient temperature.
Color Band Denotes Cathode
1.000
(25.4)
Min
.200
(5.08)
Max
.090 (2.28)
Dia Max
.022 (.509) Dia Max


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn