Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NB100LVEP224 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NB100LVEP224
Description  2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP224 Datasheet(HTML) 3 Page - ON Semiconductor

  NB100LVEP224 Datasheet HTML 1Page - ON Semiconductor NB100LVEP224 Datasheet HTML 2Page - ON Semiconductor NB100LVEP224 Datasheet HTML 3Page - ON Semiconductor NB100LVEP224 Datasheet HTML 4Page - ON Semiconductor NB100LVEP224 Datasheet HTML 5Page - ON Semiconductor NB100LVEP224 Datasheet HTML 6Page - ON Semiconductor NB100LVEP224 Datasheet HTML 7Page - ON Semiconductor NB100LVEP224 Datasheet HTML 8Page - ON Semiconductor NB100LVEP224 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NB100LVEP224
http://onsemi.com
3
0
1
Figure 2. Logic Diagram
CLK_SEL
CLK0
CLK0
CLK1
CLK1
OE
Q0-Q23
Q0-Q23
Q
D
24
24
VCC
VEE
ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 k
W
Internal Input Pullup Resistor
37.5 k
W
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 150 V
> 2 kV
Moisture Sensitivity (Note 1)
Level 3
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V-0 @ 0.125 in
Transistor Count
654 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, refer to Application Note AND8003/D.
MAXIMUM RATINGS (Note 2)
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VCC
PECL Mode Power Supply
VEE = 0 V
6
V
VEE
NECL Mode Power Supply
VCC = 0 V
-6
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI ≤ VCC
VI ≥ VEE
6 to 0
-6 to 0
V
TA
Operating Temperature Range
0 to +85
°C
Tstg
Storage Temperature Range
-65 to +150
°C
qJA
Thermal Resistance (Junction-to-Ambient)
(See Application Information)
0 LFPM
500 LFPM
64 LQFP
64 LQFP
35.6
30
°C/W
°C/W
qJC
Thermal Resistance (Junction-to-Case)
(See Application Information)
0 LFPM
500 LFPM
64 LQFP
64 LQFP
3.2
6.4
°C/W
°C/W
Tsol
Wave Solder
< 2 to 3 sec @ 248
°C
265
°C
2. Maximum Ratings are those values beyond which device damage may occur.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn