Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NB100LVEP224 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NB100LVEP224
Description  2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP224 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NB100LVEP224 Datasheet HTML 2Page - ON Semiconductor NB100LVEP224 Datasheet HTML 3Page - ON Semiconductor NB100LVEP224 Datasheet HTML 4Page - ON Semiconductor NB100LVEP224 Datasheet HTML 5Page - ON Semiconductor NB100LVEP224 Datasheet HTML 6Page - ON Semiconductor NB100LVEP224 Datasheet HTML 7Page - ON Semiconductor NB100LVEP224 Datasheet HTML 8Page - ON Semiconductor NB100LVEP224 Datasheet HTML 9Page - ON Semiconductor NB100LVEP224 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NB100LVEP224
http://onsemi.com
6
Figure 3. Output Amplitude (VOPP) versus Input Frequency and Random Clock Jitter (tJITTER)
INPUT FREQUENCY (GHz)
0.5 0.6
0.7
0.8
1.3
1.5
800
900
700
600
500
400
300
200
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
10
Q AMP (mV)
RMS JITTER (ps)
1.0
0.9
1.4
1.2
1.1
2.5 V
3.3 V
Figure 4. Output Enable (OE) Timing Diagram
CLK
CLK
OE
Q
Q
Figure 5. LVPECL Differential Input Levels
VIH(DIFF)
VIL(DIFF)
VEE
VCC(LVPECL)
VIHCMR
VPP
Resource Reference of Application Notes
AN1405
-
ECL Clock Distribution Techniques
AND8002
-
Marking and Date Codes
AND8009
-
ECLinPS Plus Spice I/O Model Kit
AND8020
-
Termination of ECL Logic Devices
For an updated list of Application Notes, please see our website at http://onsemi.com.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn