Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH-4543 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH-4543
Description  High Power Infrared Emitter (940nm) in SMR짰 Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4543 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button SFH-4543 Datasheet HTML 2Page - OSRAM GmbH SFH-4543 Datasheet HTML 3Page - OSRAM GmbH SFH-4543 Datasheet HTML 4Page - OSRAM GmbH SFH-4543 Datasheet HTML 5Page - OSRAM GmbH SFH-4543 Datasheet HTML 6Page - OSRAM GmbH SFH-4543 Datasheet HTML 7Page - OSRAM GmbH SFH-4543 Datasheet HTML 8Page - OSRAM GmbH SFH-4543 Datasheet HTML 9Page - OSRAM GmbH SFH-4543 Datasheet HTML 10Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Version 1.3
SFH 4543
2016-09-26
7
Reflow Soldering Profile
Product complies to MSL Level 3 acc. to JEDEC J-STD-020D.01
0
0
s
OHA04525
50
100
150
200
250
300
50
100
150
200
250
300
t
T
˚C
S
t
t
P
t
T
p
240 ˚C
217 ˚C
245 ˚C
25 ˚C
L
OHA04612
Profile Feature
Profil-Charakteristik
Ramp-up rate to preheat*)
25 °C to 150 °C
2
3
K/s
Time t
S
T
Smin to TSmax
t
S
t
L
t
P
T
L
T
P
100
120
60
10
20
30
80
100
217
2
3
245
260
3
6
Time
25 °C to T
P
Time within 5 °C of the specified peak
temperature T
P - 5 K
Ramp-down rate*
T
P
to
100 °C
All temperatures refer to the center of the package, measured on the top of the component
* slope calculation DT/Dt: Dt max. 5 s; fulfillment for the whole T-range
Ramp-up rate to peak*)
T
Smax
to
T
P
Liquidus temperature
Peak temperature
Time above liquidus temperature
Symbol
Symbol
Unit
Einheit
Pb-Free (SnAgCu) Assembly
Minimum
Maximum
Recommendation
K/s
K/s
s
s
s
s
°C
°C
480


Similar Part No. - SFH-4543

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4542 OSRAM-SFH-4542 Datasheet
261Kb / 10P
   High Power Infrared Emitter (940nm) in SMR짰 Package
SFH-4544 OSRAM-SFH-4544 Datasheet
412Kb / 9P
   Infrared Emitter
SFH-4545 OSRAM-SFH-4545 Datasheet
405Kb / 9P
   High Power Infrared Emitter
SFH-4546 OSRAM-SFH-4546 Datasheet
406Kb / 9P
   High Power Infrared Emitter
SFH-4547 OSRAM-SFH-4547 Datasheet
402Kb / 9P
   High Power Infrared Emitter
More results

Similar Description - SFH-4543

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4542 OSRAM-SFH-4542 Datasheet
261Kb / 10P
   High Power Infrared Emitter (940nm) in SMR짰 Package
SFH-4551 OSRAM-SFH-4551 Datasheet
439Kb / 13P
   High Power Infrared Emitter (850nm) in SMR짰 Package
logo
ams AG
SFH4542 AMSCO-SFH4542 Datasheet
1Mb / 17P
   High Power Infrared Emitter (940nm) in SMR® Package
Version 1.5 2022-08-08
logo
OSRAM GmbH
SFH4542 OSRAM-SFH4542 Datasheet
272Kb / 12P
   High Power Infrared Emitter (940nm) in SMR
SFH4543 OSRAM-SFH4543 Datasheet
259Kb / 10P
   High Power Infrared Emitter (940nm) in SMR
logo
CT Micro International ...
IRP3016W24-G0 CTMICRO-IRP3016W24-G0 Datasheet
839Kb / 8P
   SMD Type 940nm Infrared Emitter
IRC3020N13-B20 CTMICRO-IRC3020N13-B20 Datasheet
768Kb / 8P
   SMD Type 940nm Infrared Emitter
IRP3216N18-D0 CTMICRO-IRP3216N18-D0 Datasheet
856Kb / 9P
   SMD Type 940nm Infrared Emitter
IRP1608Q06-B30 CTMICRO-IRP1608Q06-B30 Datasheet
778Kb / 9P
   SMD Type 940nm Infrared Emitter
IRC3528Q19-B20 CTMICRO-IRC3528Q19-B20 Datasheet
737Kb / 8P
   SMD Type 940nm Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com