Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

POE90U-1BT Datasheet(PDF) 2 Page - Phihong USA Inc.

Part No. POE90U-1BT
Description  90W Single Port Power over Ethernet Midspan IEEE802.3BT Compliant Power Injector
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHIHONG [Phihong USA Inc.]
Homepage  http://www.phihongusa.com
Logo 

POE90U-1BT Datasheet(HTML) 2 Page - Phihong USA Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision 2/7/2018
POE90U-1BT Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage Range
90 to 264VAC
AC Input Voltage Rating
100 to 240VAC, 47-63Hz
AC Input Current
2.5A (RMS) maximum for 90VAC
1.2A (RMS) maximum for 240VAC
Leakage Current
3.5mA maximum @ 264VAC 50Hz
AC Inrush Current
50A (RMS) maximum for 115VAC
75A (RMS) maximum for 230VAC
OUTPUT:
Total Output Power
90W
Ripple and Regulation
250mV max @25C, 100-240VAC
Efficiency
75% (typical) at maximum load, and 120VAC
60Hz
Hold-up Time
10mS min. 120VAC 60Hz max load
ENVIRONMENTAL:
Temperature
Operation
-20°C to +40°C
Non-operation
-20°C to +65°C
Humidity
5 to 90%
EMC
FCC Part 15 Class B
EN55022/EN55032 Class B
Isolation Test
Primary to Secondary:
4242VDC for 1 minute 10mA
Primary to Field Ground:
2121VDC for 1 minute
Immunity
ESD:
IEC61000-4-2 Level 3
RS:
IEC61000-4-3 Level 3
EFT:
IEC61000-4-4 Level 2
Surge:
IEC61000-4-5 Level 3
CS:
IEC61000-4-6 Level 2
Voltage Dips IEC61000-4-11
Harmonic:
IEC61000-3-2
Class A
Insulation Resistance
Primary to Secondary: >10M OHM 500VDC
Primary to Field Ground: >10M OHM
500VDC
FEATURES:
Over Current Protection
Output #1(OUT) <1000mA
Output #2(OUT) <1000mA
Output #1 and #2 combined(OUT) <2000mA
Over Voltage Protection
Meets UL requirements
Short Circuit Protection
The output can be shorted permanently
without damage
LED Indicators
No LED - Power failure
Green LED short Blinking - POE power ready
but no connection
Green LED solid - POE output power good
Green/Red LED alternate short blinking - POE
detection failure
Green LED short/Red long blinking - POE
output over power or short
Input Connector
IEC320 inlet 3 pin
Output Connection
+pins 3,6,4,5 / -pins 1,2,7,8


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn