Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

POE90U-1BT Datasheet(PDF) 1 Page - Phihong USA Inc.

Part No. POE90U-1BT
Description  90W Single Port Power over Ethernet Midspan IEEE802.3BT Compliant Power Injector
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHIHONG [Phihong USA Inc.]
Homepage  http://www.phihongusa.com
Logo 

POE90U-1BT Datasheet(HTML) 1 Page - Phihong USA Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revision 2/7/2018
WWW.PHIHONG.COM
90W Single Port Power over Ethernet Midspan
IEEE802.3BT Compliant Power Injector
Features
• IEEE802.3BT Compliant
• 4 Pair Powering +3,6,4,5 / - 1,2,7,8
• Diagnostic LEDs
• Full Protection OCP, OVP
• Compliant with Phihong Proprietary
12.5K Detection
• Single Source 4 Pair Power Current
Sharing
• 1 Year Warranty
• Broken Wire Detection
• SNMP Management Option
• Limited Power Source
• Gigabit Compatible
Applications
• Satellite Receiver
• Security Cameras
• Wireless Network Access Points
• Kiosks
• LCD Displays
• Computer Workstations
Safety Approvals
• cUL/UL
• CE
Mechanical Characteristics (Standard Model)
• Length: 166mm (6.53in)
• Height: 44mm (1.73in)
• Width: 80mm (3.15in)
• Weight: 500g(1.1lbs)
Output Specifications
Notes:
1.
SNMP option
2.
Voltage measured within 2” of the output RJ45 connector on data pairs 3,6(+) and 1,2(-)
3.
Combined output on data pairs and spare pairs. Otherwise 800mA on data pairs 3,6(+) 1, 2(-) and spare pairs 4,5(+) 7,8(-)
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for
the most up-to-date specifications and contact information.
Model
DC
Output
Voltage
Load
Regulation2
Min.
Max.3
Line
Load
POE90U-1BT
56V
>15mA
1.6A
56VDC +1V/-2V
POE90U-1BT-N
1
56V
>15mA
1.6A
56VDC +1V/-2V


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn