Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

POE36D-1AT Datasheet(PDF) 2 Page - Phihong USA Inc.

Part No. POE36D-1AT
Description  33.6W Power over Ethernet Adapter DC Input High Power Single Port Injector
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHIHONG [Phihong USA Inc.]
Homepage  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE36D-1AT Datasheet(HTML) 2 Page - Phihong USA Inc.

  POE36D-1AT_18 Datasheet HTML 1Page - Phihong USA Inc. POE36D-1AT_18 Datasheet HTML 2Page - Phihong USA Inc. POE36D-1AT_18 Datasheet HTML 3Page - Phihong USA Inc. POE36D-1AT_18 Datasheet HTML 4Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
POE36D – 1AT Characteristics
WWW.PHIHONG.COM
INPUT:
DC Input Voltage Range
36 to 72VDC
DC Input Current
1.2A (DC) maximum for 36VDC
OUTPUT:
Total Output Power
33.6W at 56VDC
DC Offset
No data degradation with DC imbalance
18mA
Efficiency
80% (typical) at maximum load
Ripple and Regulation
100mV maximum
Transient O/P Voltage Protection
60V maximum at switch on and off
ENVIRONMENTAL:
Temperature
Operation
-20 to +50°C
Non-operation
-25 to +85°C
Humidity
5 to 90%
EMC
FCC Part 15 Class B
EN55022 Class B
Isolation Test
Primary to Secondary: 2121VDC for 1
minute, 10mA
Primary to Field Ground: 2121VDC for 1
minute, 10mA
Output to Field Ground: 2121VDC for 1
minute, 10mA
Immunity
ESD:
EN61000-4-2. Level 3
RS:
EN61000-4-3. Level 3
EFT:
EN61000-4-4. Level 2
Surge:
EN61000-4-5. Level 3
CS:
EN61000-4-6. Level 3
Insulation Resistance
Primary to Secondary: >10M OHM
500VDC
Primary to Field Ground: >10M OHM
500VDC
FEATURES:
Cisco
No extern parts required for Legacy devices:
VoIP Phones:7910, 7912, 7940, 7960
Access Points:1040, 1140, 1250, 1260, 3500
Over Voltage/Current, Short Circuit
Protection
The output can be shorted permanently
without damage
Indicators
Green LED 1: Input power “ON”
Green LED 2: Valid IEEE8-2.3at load
detected and connected “PoE PLUS”
Green LED 3: Valid IEEE802.3af load
detected and connected
Input Connector
– Anytek OQ0355510000G
Mate – Anytek TJ0350520000G or
TJ035152000G. Anytek is part of Giga-Way
Technology Corp
Output Connection
+pins 3, 6
-pins 1 ,2


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn