Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

POE36D-1AT Datasheet(PDF) 1 Page - Phihong USA Inc.

Part No. POE36D-1AT
Description  33.6W Power over Ethernet Adapter DC Input High Power Single Port Injector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE36D-1AT Datasheet(HTML) 1 Page - Phihong USA Inc.

  POE36D-1AT_18 Datasheet HTML 1Page - Phihong USA Inc. POE36D-1AT_18 Datasheet HTML 2Page - Phihong USA Inc. POE36D-1AT_18 Datasheet HTML 3Page - Phihong USA Inc. POE36D-1AT_18 Datasheet HTML 4Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Revision 4/26/2018
WWW.PHIHONG.COM
33.6W Power over Ethernet Adapter
DC Input High Power Single Port Injector
Features
• Compliant with the IEEE802.3at
Standard
• Full Protection OCP, OVP
• Diagnostic LEDs
• Gigabit Compatible
• Non-Vented Case
• DC Input Voltage 36-72VDC
• Classification per IEEE802.3at
• Cisco AP1250 Full Power Support
• 1 Year Warranty
Applications
• IP Telephones
• Security Cameras with Pan/Tilt/Zoom
• Wireless Network Access Points
• IP Print Servers
• Blue Tooth Access Point
Safety Approvals
• CE
Mechanical Characteristics
• Length: 140mm (5.51in)
• Height: 36mm (1.42in)
• Width: 65mm (2.55in)
• Weight: 0.2Kg (0.44lb.)
Output Specifications
Notes: (1) consult factory for availability
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our
website at www.phihong.com for the most up-to-date specifications and contact information.
Model
DC Output
Voltage
Load
Regulation
POE36D-1AT
1
56V
Min.
Max.
Line
Load
0A
0.60A
54-57Vdc under all conditions


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn