Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POE15W-1AF Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # POE15W-1AF
Description  15W Single Port Power-over-Ethernet Midspan IEEE802.3AF Compliant Power Injector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE15W-1AF Datasheet(HTML) 2 Page - Phihong USA Inc.

  POE15W-1AF Datasheet HTML 1Page - Phihong USA Inc. POE15W-1AF Datasheet HTML 2Page - Phihong USA Inc. POE15W-1AF Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision 4/26/2018
POE15X-1AF Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage Range
90 to 264VAC
AC Input Voltage Rating
100 to 240VAC
AC Input Current
0.5A (RMS) max for 90VAC
0.35A (RMS) max for 240VAC
Leakage Current
0.25mA max @ 254VAC 50Hz
AC Input Frequency
47-63Hz
AC Inrush Current
30A (RMS) max for 115VAC
60A (RMS) max for 230VAC
OUTPUT:
Total Output Power
15.4W
Ripple and Regulation
200mV max @25C, 115VAC, 60Hz &
230VAC, 50Hz
Hold-up time:
16mS min at max load and 120VAC, 60Hz
ENVIRONMENTAL:
Temperature
Operation
-20°C to +50°C
Non-operation
-25°C to +70°C
Humidity
5 to 90%
EMC
FCC Part 15 Class B
EN55022 Class B
Immunity EN50082-1
ESD:
EN61000-4-2.
Level 3
RS:
EN61000-4-3.
Level 2
EFT:
EN61000-4-4.
Level 2
Surge:
EN61000-4-5.
Level 3
CS:
EN61000-4-6.
Level 2
Voltage Dips EN61000-4-11
Harmonic:
EN61000-3-2 Class A
Isolation Test
Primary to Secondary: 3000VAC for 1 second
10mA
Insulation Resistance
Primary to Secondary: >10M OHM 500VDC
FEATURES:
Over Voltage/Current/Short Circuit
Protection
The output is equipped with short-circuit
protection and overload protection as per the
IEEE802.3af specification and conforms to
UL60950-2. The output can be shorted
permanently without damage.
Indicator
Solid Green: unit has detected a valid
IEEE802.3af load
Blinking Green: Power “ON” active with no
load
Blinking Green/Solid Red: Over load condition
Blinking Red/ Solid Green: Invalid load
Data in/Output Connector
RJ45
E option = Earth grounded shielded Rj45
connectors
Output Connection
+pin 3,6 / -pins 1,2


Similar Part No. - POE15W-1AF

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE15M-1AF PHIHONG-POE15M-1AF Datasheet
237Kb / 3P
   15W Single Port Power-over-Ethernet Midspan IEEE802.3AF Compliant Power Injector
More results

Similar Description - POE15W-1AF

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE15M-1AF PHIHONG-POE15M-1AF Datasheet
237Kb / 3P
   15W Single Port Power-over-Ethernet Midspan IEEE802.3AF Compliant Power Injector
POE29U-1AF PHIHONG-POE29U-1AF Datasheet
239Kb / 3P
   20W Single Port Power over Ethernet Midspan IEEE802.3AF Compliant Power Injector
POE29W-1AF PHIHONG-POE29W-1AF Datasheet
239Kb / 3P
   20W Single Port Power over Ethernet Midspan IEEE802.3AF Compliant Power Injector
POE60U-1BT PHIHONG-POE60U-1BT Datasheet
516Kb / 3P
   60W Single Port Power over Ethernet Midspan IEEE802.3bt Compliant Power Injector
POE29W-1AT PHIHONG-POE29W-1AT Datasheet
233Kb / 3P
   30W Single Port Power over Ethernet Midspan IEEE802.3AT Compliant Power Injector
POE31X-1AT PHIHONG-POE31X-1AT Datasheet
234Kb / 3P
   30W Single Port Power over Ethernet Midspan IEEE802.3at Compliant Power Injector
POE29U-1AT PHIHONG-POE29U-1AT Datasheet
232Kb / 3P
   30W Single Port Power over Ethernet Midspan IEEE802.3AT Compliant Power Injector
POE90U-1BT PHIHONG-POE90U-1BT Datasheet
199Kb / 3P
   90W Single Port Power over Ethernet Midspan IEEE802.3BT Compliant Power Injector
POE75D-1UP PHIHONG-POE75D-1UP Datasheet
73Kb / 3P
   75W DC Input Power over Ethernet Midspan Ultra Power over Ethernet Single Port Injector
logo
SL Power Electronics
PW180KB SLPOWER-PW180KB Datasheet
270Kb / 2P
   Power over Ethernet IEEE802.3af Compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com