Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ETD-BL-1T-OFF-CC-10S Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # ETD-BL-1T-OFF-CC-10S
Description  Timer relay with off delay (with control contact) and adjustable time
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

ETD-BL-1T-OFF-CC-10S Datasheet(HTML) 1 Page - PHOENIX CONTACT

  ETD-BL-1T-OFF-CC-10S Datasheet HTML 1Page - PHOENIX CONTACT ETD-BL-1T-OFF-CC-10S Datasheet HTML 2Page - PHOENIX CONTACT ETD-BL-1T-OFF-CC-10S Datasheet HTML 3Page - PHOENIX CONTACT ETD-BL-1T-OFF-CC-10S Datasheet HTML 4Page - PHOENIX CONTACT ETD-BL-1T-OFF-CC-10S Datasheet HTML 5Page - PHOENIX CONTACT ETD-BL-1T-OFF-CC-10S Datasheet HTML 6Page - PHOENIX CONTACT ETD-BL-1T-OFF-CC-10S Datasheet HTML 7Page - PHOENIX CONTACT ETD-BL-1T-OFF-CC-10S Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1Description
Timer relay with off delay (with control contact) and
adjustable time
ETD-BL-1T-OFF-CC- 10S
© PHOENIX CONTACT - 2013-09-16
Data sheet
Compact timer relay in 6.2 mm housing for controlling time
sequences.
The time is set on the front of the device using a labeled
thumbwheel, which is recessed to protect against accidental
modification. A screwdriver is used to change the settings
(blade width 2.5 mm).
The compact timer relays are available with different time
ranges as well as with a screw, spring-cage, and push-in
connection.
WARNING: Correct usage in potentially explosive areas
The module is a category 3 item of electrical equipment. Follow the instructions provided here during
installation and observe the safety instructions.
Never carry out work when voltage is present.
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
This data sheet is valid for all products listed on the following page:
6.2 mm narrow housing
With off delay (with control contact)
–Adjustable time
Easy and accurate time setting
Supply voltage 24 V DC
Output: A floating PDT
103617_en_03
Features


Similar Part No. - ETD-BL-1T-OFF-CC-10S

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
ETD-BL-1T-ON-10S PHOENIX-ETD-BL-1T-ON-10S Datasheet
156Kb / 8P
   Time relay with switch-on delay
ETD-BL-1T-ON-10S-PT PHOENIX-ETD-BL-1T-ON-10S-PT Datasheet
156Kb / 8P
   Time relay with switch-on delay
ETD-BL-1T-ON-10S-SP PHOENIX-ETD-BL-1T-ON-10S-SP Datasheet
156Kb / 8P
   Time relay with switch-on delay
ETD-BL-1T-ON-300MIN PHOENIX-ETD-BL-1T-ON-300MIN Datasheet
156Kb / 8P
   Time relay with switch-on delay
ETD-BL-1T-ON-300MIN-PT PHOENIX-ETD-BL-1T-ON-300MIN-PT Datasheet
156Kb / 8P
   Time relay with switch-on delay
More results

Similar Description - ETD-BL-1T-OFF-CC-10S

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2901486 PHOENIX-2901486 Datasheet
156Kb / 8P
   Timer relay with off delay (with control contact) and adjustable time
2901485 PHOENIX-2901485 Datasheet
156Kb / 8P
   Timer relay with off delay (with control contact) and adjustable time
ETD-BL-1T-F-10S PHOENIX-ETD-BL-1T-F-10S Datasheet
155Kb / 8P
   Timer relay with flash function and adjustable time
ETD-SL-1T-DTF PHOENIX-ETD-SL-1T-DTF Datasheet
159Kb / 9P
   Multifunctional timer relay with one adjustable time
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
   Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com